Electronic Components Datasheet Search
  English  ▼

X  

XC62FJ Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC62FJ
Description  10V Input, 200mA Low Consumption Current Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62FJ Datasheet(HTML) 3 Page - Torex Semiconductor

  XC62FJ Datasheet HTML 1Page - Torex Semiconductor XC62FJ Datasheet HTML 2Page - Torex Semiconductor XC62FJ Datasheet HTML 3Page - Torex Semiconductor XC62FJ Datasheet HTML 4Page - Torex Semiconductor XC62FJ Datasheet HTML 5Page - Torex Semiconductor XC62FJ Datasheet HTML 6Page - Torex Semiconductor XC62FJ Datasheet HTML 7Page - Torex Semiconductor XC62FJ Datasheet HTML 8Page - Torex Semiconductor XC62FJ Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3/16
XC62FJ
Series
■
PRODUCT CLASSIFICATION
●
Ordering Information
XC62FJ①②③④⑤⑥-⑦
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
①②
Output Voltage
17~60
e.g. 30: 3.0V, 50: 5.0V
③④
Output Voltage Accuracy
02
±2.0%
⑤⑥-⑦(*1)
Package (Order Unit)
PR-G
SOT-89 (1,000/Reel)
(*1) The “-G” suffix denotes Halogen and Antimony free as well as being fully EU RoHS compliant.
■
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
- 0.3 ~ + 12.0
V
Output Current
IOUT
500 (*1)
mA
Output Voltage
VOUT
- 0.3 ~ VIN + 0.3 or +12.0 (*2)
V
Power Dissipation (*1)
SOT-89
Pd
1000 (PCB mounted) (*3)
mW
Operating Ambient Temperature
Topr
-40~+85
℃
Storage Temperature
Tstg
-55~+125
℃
All voltages are described based on VSS.
(*1) IOUT≦Pd/ (VIN-VOUT)
(*2) The maximum value should be either VIN+0.3 or +12.0 in the lowest
(*3) The power dissipation figure shown is PCB mounted. Please refer to page 14 for details.
Ta=25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com