Electronic Components Datasheet Search
  English  ▼

X  

XC62FJ Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC62FJ
Description  10V Input, 200mA Low Consumption Current Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62FJ Datasheet(HTML) 2 Page - Torex Semiconductor

  XC62FJ Datasheet HTML 1Page - Torex Semiconductor XC62FJ Datasheet HTML 2Page - Torex Semiconductor XC62FJ Datasheet HTML 3Page - Torex Semiconductor XC62FJ Datasheet HTML 4Page - Torex Semiconductor XC62FJ Datasheet HTML 5Page - Torex Semiconductor XC62FJ Datasheet HTML 6Page - Torex Semiconductor XC62FJ Datasheet HTML 7Page - Torex Semiconductor XC62FJ Datasheet HTML 8Page - Torex Semiconductor XC62FJ Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2/16
XC62FJ Series
■
BLOCK DIAGRAM
XC62FJ Series
* Diodes inside the circuits are ESD protection diodes and parasitic diodes.
■
PIN CONFIGURATION
■
PIN ASSIGNMENT
PIN NUMBER
PIN NAME
FUNCTION
SOT-89
1
VSS
Ground
2
VIN
Power Supply Input
3
VOUT
Output
1
2
3
VIN
VOUT
SOT-89
(TOP VIEW)
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com