Electronic Components Datasheet Search
  English  ▼

X  

XC62FJ Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC62FJ
Description  10V Input, 200mA Low Consumption Current Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62FJ Datasheet(HTML) 4 Page - Torex Semiconductor

  XC62FJ Datasheet HTML 1Page - Torex Semiconductor XC62FJ Datasheet HTML 2Page - Torex Semiconductor XC62FJ Datasheet HTML 3Page - Torex Semiconductor XC62FJ Datasheet HTML 4Page - Torex Semiconductor XC62FJ Datasheet HTML 5Page - Torex Semiconductor XC62FJ Datasheet HTML 6Page - Torex Semiconductor XC62FJ Datasheet HTML 7Page - Torex Semiconductor XC62FJ Datasheet HTML 8Page - Torex Semiconductor XC62FJ Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4/16
XC62FJ Series
■
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
CIRCUIT
Output Voltage
VOUT(E) (*2)
VIN=VOUT(T)(*1)+1.0V、IOUT={C1(*6)}mA
E-1 (*5)
VOUT(T)
E-1 (*5)
V
②
Maximum Output Current
IOUTMAX
VIN=VOUT(T)+1.0V
VOUT(E)≧VOUT(T)×0.9
E-2 (*5)
-
-
mA
②
Load Regulation
∆VOUT
VIN=VOUT(T)+1.0V
1mA≦IOUT≦{C2 (*6)}mA
-
E-3 (*5)
mV
②
Dropout Voltage1
Vdif1 (*3)
IOUT={C3 (*6)}mA
-
E-4 (*5)
mV
②
Dropout Voltage2
Vdif2 (*3)
IOUT={C4 (*6)}mA
-
E-5 (*5)
mV
②
Consumption current
ISS
VIN=VOUT(T)+1.0V
-
2.0
E-6 (*5)
μA
①
Line Regulation
∆VOUT/
(∆VIN・VOUT)
VOUT(T)+1.0V≦VIN≦10.0V
IOUT={C5 (*6)}mA
-
0.2
0.3
%/V
②
Input Voltage(*6)
VIN
-
1.8
-
10
V
-
Output Voltage
Temperature
Characteristics
∆VOUT/
(∆Topr・VOUT)
IOUT={C1 (*6)}mA
-40℃≦Topr≦85℃
-
±100
-
ppm/℃
②
(*1) VOUT(T) is Nominal output voltage
(*2) VOUT(E) is Effective output voltage
(i.e. the output voltage when “(VOUT(T) + 1.0V)” is provided at the VIN pin while maintaining a certain IOUT value.)
(*3) Vdif={VIN1-VOUT1}
VIN1 is the input voltage when VOUT1 appears at the VOUT pin while input voltage is gradually decreased.
VOUT1 is the voltage equal to 98% of the normal output voltage when amply stabilized VOUT(T) +1.0V is input at the VIN pin.
(*4)
Over 1.8V input voltage (Minimum operation voltage) is required when the VOUT is lower than 1.8V.
(*5)
Refer to the VOLTAGE CHART
(*6)
Refer to the VOLTAGE CONDITIONS CHART
Ta=25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com