Electronic Components Datasheet Search
  English  ▼

X  

XC6901 Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6901
Description  200mA Negative Voltage Regulator with ON/OFF Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6901 Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6901 Datasheet HTML 3Page - Torex Semiconductor XC6901 Datasheet HTML 4Page - Torex Semiconductor XC6901 Datasheet HTML 5Page - Torex Semiconductor XC6901 Datasheet HTML 6Page - Torex Semiconductor XC6901 Datasheet HTML 7Page - Torex Semiconductor XC6901 Datasheet HTML 8Page - Torex Semiconductor XC6901 Datasheet HTML 9Page - Torex Semiconductor XC6901 Datasheet HTML 10Page - Torex Semiconductor XC6901 Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7/28
XC6901
Series
■
ELECTRICAL CHARACTERISTICS(Continued)
Dropout Voltage Chart (VOUT(T)=-0.9V~-5V)
E-1
E-1
E-1
DROPOUT VOLTAGE
DROPOUT VOLTAGE
DROPOUT VOLTAGE
NOMINAL
OUTPUT
VOLTAGE
Vdif (mV)
NOMINAL
OUTPUT
VOLTAGE
Vdif (mV)
NOMINAL
OUTPUT
VOLTAGE
Vdif (mV)
VOUT(T)
TYP.
MAX.
VOUT(T)
TYP.
MAX.
VOUT(T)
TYP.
MAX.
-0.90
800
1500
-2.85
116
157
-4.80
80
115
-0.95
750
1450
-2.90
114
155
-4.85
80
115
-1.00
700
1400
-2.95
112
153
-4.90
79
115
-1.05
650
1350
-3.00
110
151
-4.95
79
115
-1.10
600
1300
-3.05
109
150
-5.00
78
114
-1.15
550
1250
-3.10
108
148
-1.20
500
1200
-3.15
107
147
-1.25
450
1150
-3.20
105
145
-1.30
400
1100
-3.25
104
144
-1.35
350
1050
-3.30
102
142
-1.40
300
1000
-3.35
102
141
-1.45
270
950
-3.40
101
140
-1.50
230
900
-3.45
101
139
-1.55
220
850
-3.50
100
137
-1.60
210
800
-3.55
99
136
-1.65
205
750
-3.60
98
135
-1.70
200
700
-3.65
97
134
-1.75
195
650
-3.70
95
133
-1.80
190
600
-3.75
95
132
-1.85
183
550
-3.80
94
131
-1.90
176
500
-3.85
94
130
-1.95
171
450
-3.90
93
129
-2.00
165
400
-3.95
92
128
-2.05
161
350
-4.00
91
127
-2.10
156
300
-4.05
90
126
-2.15
152
250
-4.10
89
125
-2.20
148
200
-4.15
89
125
-2.25
144
187
-4.20
88
124
-2.30
140
185
-4.25
87
123
-2.35
138
183
-4.30
86
122
-2.40
135
181
-4.35
86
122
-2.45
132
178
-4.40
85
121
-2.50
129
174
-4.45
85
120
-2.55
127
172
-4.50
84
119
-2.60
125
169
-4.55
83
119
-2.65
123
166
-4.60
82
119
-2.70
121
163
-4.65
82
118
-2.75
119
161
-4.70
82
117
-2.80
117
159
-4.75
81
116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com