Electronic Components Datasheet Search
  English  ▼

X  

XC6901 Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6901
Description  200mA Negative Voltage Regulator with ON/OFF Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6901 Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6901 Datasheet HTML 4Page - Torex Semiconductor XC6901 Datasheet HTML 5Page - Torex Semiconductor XC6901 Datasheet HTML 6Page - Torex Semiconductor XC6901 Datasheet HTML 7Page - Torex Semiconductor XC6901 Datasheet HTML 8Page - Torex Semiconductor XC6901 Datasheet HTML 9Page - Torex Semiconductor XC6901 Datasheet HTML 10Page - Torex Semiconductor XC6901 Datasheet HTML 11Page - Torex Semiconductor XC6901 Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8/28
XC6901 Series
■
ELECTRICAL CHARACTERISTICS(Continued)
Dropout Voltage Chart (VOUT(T)=-5.1V~-12V)
E-1
E-1
DROPOUT VOLTAGE
DROPOUT VOLTAGE
NOMINAL
OUTPUT
VOLTAGE
Vdif(mV)
NOMINAL
OUTPUT
VOLTAGE
Vdif(mV)
VOUT(T)
TYP.
MAX.
VOUT(T)
TYP.
MAX.
-5.1
77
113
-9.0
58
93
-5.2
77
112
-9.1
58
92
-5.3
76
111
-9.2
58
92
-5.4
75
110
-9.3
57
92
-5.5
74
110
-9.4
57
91
-5.6
73
109
-9.5
56
91
-5.7
73
108
-9.6
56
91
-5.8
72
107
-9.7
56
91
-5.9
71
106
-9.8
55
90
-6.0
70
105
-9.9
55
90
-6.1
70
105
-10.0
54
90
-6.2
69
104
-10.1
54
90
-6.3
69
104
-10.2
54
89
-6.4
68
103
-10.3
54
89
-6.5
67
102
-10.4
54
89
-6.6
66
102
-10.5
53
88
-6.7
66
101
-10.6
53
88
-6.8
65
101
-10.7
53
88
-6.9
65
100
-10.8
53
88
-7.0
65
100
-10.9
53
88
-7.1
64
99
-11.0
52
88
-7.2
64
99
-11.1
53
88
-7.3
63
98
-11.2
52
87
-7.4
63
98
-11.3
51
87
-7.5
62
98
-11.4
51
87
-7.6
62
98
-11.5
50
87
-7.7
62
97
-11.6
50
87
-7.8
61
96
-11.7
50
87
-7.9
61
96
-11.8
50
87
-8.0
60
96
-11.9
50
87
-8.1
60
96
-12.0
50
87
-8.2
60
95
-8.3
60
95
-8.4
60
94
-8.5
59
94
-8.6
59
94
-8.7
59
94
-8.8
59
93
-8.9
59
93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com