Electronic Components Datasheet Search
  English  ▼

X  

XC6901 Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6901
Description  200mA Negative Voltage Regulator with ON/OFF Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6901 Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6901 Datasheet HTML 2Page - Torex Semiconductor XC6901 Datasheet HTML 3Page - Torex Semiconductor XC6901 Datasheet HTML 4Page - Torex Semiconductor XC6901 Datasheet HTML 5Page - Torex Semiconductor XC6901 Datasheet HTML 6Page - Torex Semiconductor XC6901 Datasheet HTML 7Page - Torex Semiconductor XC6901 Datasheet HTML 8Page - Torex Semiconductor XC6901 Datasheet HTML 9Page - Torex Semiconductor XC6901 Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6/28
XC6901 Series
■
ELECTRICAL CHARACTERISTICS
●
XC6901 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
VOUT(T)<-2.0V
×1.015
×0.985
Output Voltage
VOUT(E)
(*2)
IOUT=20mA
VOUT(T)≧-2.0V
-0.030
VOUT(T)
(*1)
+0.030
V
①
VIN=VOUT(T)-2.0V
VOUT(T)≦-2.4V
Maximum Output
Current
(*4)
IOUTMAX
VIN=-4.4V
VOUT(T)>-2.4V
200
-
-
mA
①
VIN=VOUT(T)-1.0V
VOUT(T)≦-3.0V
VIN=-4.0V
VOUT(T)>-3.0V
Load Regulation
∆VOUT
1mA≦IOUT≦100mA
-
20
60
mV
①
Dropout Voltage
Vdif
(*3)
IOUT=20mA
-
E-1
(*5)
mV
①
Supply Current
IBIAS
VIN=-14.5V, VCE=1.5V, IOUT=0mA
-
100
200
μ
A
①
Stand-by Current
ISTB
VIN=-14.5V, VCE=0V, IOUT=0mA
-
0.01
0.1
μ
A
①
-14.5V~VOUT(T)-1V
VOUT(T)≦-1.4V
-14.5V~-2.4V
VOUT(T)>-1.4V
Input Line
Regulation
∆VOUT/
(∆VIN・VOUT)
IOUT=20mA
-
0.01
0.20
%/V
①
Input Voltage
VIN
-16+VCE
-
-2.4
V
①
Output Voltage
Temperature
Characteristics
∆VOUT/
(∆Topr・VOUT)
IOUT=20mA
-40℃≦Topr≦85℃
-
±50
-
ppm/℃①
Power Supply
Rejection Ratio
PSRR
VIN={VOUT(T)-1.0}+0.5Vp-pAC, IOUT=20mA,
f=1kHz
-
45
-
d
B
②
VIN=VOUT(T)-2.0V
VOUT(T)≦-2.4V
Limit Current
ILIM
VIN=-4.4V
VOUT(T)>-2.4V
210
300
-
mA
①
Short-Circuit Current
ISHORT
VIN=VOUT(T)-2.0V Short -VOUT to GND level
-
80
-
mA
①
Detect Thermal
Shutdown
Temperature
TTSD
IC Junction temperature
-
150
-
℃
①
Release Thermal
Shutdown
Temperature
TTSR
IC Junction temperature
-
125
-
℃
①
Hysteresis Width
THYS
TTSD-TTSR
-
25
-
℃
①
CE "H" Level Voltage
VCEH
1.2
-
3.6
V
①
CE "L" Level Voltage
VCEL
GND
-
0.4
V
①
CE "H" Level
Current
ICEH
VIN=-12.4V,
VCE=3.6V
XC6901D Series
1.8
4
7
μ
A
①
CE "L" Level Current
ICEL
VCE=GND
-0.1
-
0.1
μ
A
①
CL Discharge
Resistor
RDCHG
VIN=-8V,VOUT=-2V,VCE=GND
0.7
1.2
1.8
kΩ
①
VOUT(T)>-4.0V
0.15
0.4
1.2
ms
③
Soft Start Time
tSS
RL=3kΩ,Rise Time
CE="H" to
95% of VOUT(E)
VOUT(T)≦-4.0V
0.3
0.7
2
ms
③
GND=0V,Ta=25℃
NOTE: Unless otherwise stated regarding input voltage conditions VCE=1.5V、GND=0V、VIN=VOUT(T)-1.0V or -2.4V the one which bigger
absolute value.
*1) VOUT(T): Nominal output voltage
*2) VOUT(E): Effective output voltage (see the voltage chart)
(ie. The output voltage when “VOUT(T)-1.0V” or “-2.4V”is provided at the VIN pin while maintaining a certain IOUT value.
*3)Vdif=-{VIN1- VOUT1}
VIN1 is the input voltage when VOUT1 appears at the VOUT pin while input voltage is gradually increased
VOUT1 is the voltage equal to 98% of the normal output voltage when amply stabilized VOUT (T) -1.0V or -2.4V (the bigger absolute value one ) are input at
the VIN pin.
*4) The maximum current may not be able to flow when thermal shutdown operates, it depends on power dissipation.
*5) E-1: Refer to dropout voltage chart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com