Electronic Components Datasheet Search
  English  ▼

X  

XC6901 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6901
Description  200mA Negative Voltage Regulator with ON/OFF Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6901 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6901 Datasheet HTML 1Page - Torex Semiconductor XC6901 Datasheet HTML 2Page - Torex Semiconductor XC6901 Datasheet HTML 3Page - Torex Semiconductor XC6901 Datasheet HTML 4Page - Torex Semiconductor XC6901 Datasheet HTML 5Page - Torex Semiconductor XC6901 Datasheet HTML 6Page - Torex Semiconductor XC6901 Datasheet HTML 7Page - Torex Semiconductor XC6901 Datasheet HTML 8Page - Torex Semiconductor XC6901 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1/28
XC6901 Series
200mA Negative Voltage Regulator with ON/OFF Control
ETR03043-007
CL:1.0μF
GND
-VIN
CE
-VOUT
NC
SOT - 25
(
TOP VIEW )
CIN:1.0μF
(
ceramic)
(
ceramic)
■
GENERAL DESCRIPTION
The XC6901 Series is a negative voltage CMOS regulator which includes a reference voltage source, error amplifier, driver
transistor, current limiter and phase compensator.
The CE function enables the circuit to be in stand-by mode by inputting low level signal. In the stand-by mode, the electric
charge at the output capacitor (CL) will be discharged via the internal auto-discharge switch and as a result the -VOUT pin
quickly returns to the VSS level.
The over current protection circuit will operate when the output current reaches limit current. The thermal shutdown circuit will
operate when the junction temperature reaches limit temperature.
■
APPLICATIONS
●
Negative power supplies
●
Modules (Wireless LAN, Digital still cameras, etc)
●
Digital still cameras
●
Mobile devices / terminals
■
FEATURES
Maximum Output Current
: 200mA
Input Voltage Range
: -2.4V ~-12.4V(VCE=3.6V)
Output Voltage Range
: -0.9V~-12.0V
Accuracy
: ±1.5%(VOUT<‐2.0V)
±0.03V(VOUT≧‐2.0V)
Temperature Stability
: TYP. ±50ppm/℃
CE High Level Voltage
: +1.2V~+3.6V,(Active High)
Dropout Voltage
: 400mV@IOUT=100mA
Low Power Consumption
: 100μA MAX.
Stand-by Current
: Less than 0.1μA
Protection Circuits
: Current Limit 350mA TYP, Foldback
Overheat Protection TTSB=150℃
Output Capacitor
: Ceramic Capacitor Compatible
Built-in Function
: CL High-Speed Discharge
Operating Ambient Temperature
:
-40℃~+85℃
Packages
: SOT-25, SOT-89-5, USP-6C
Environmentally Friendly
: EU RoHS Compliant, Pb Free
■
TYPICAL APPLICATION CIRCUIT
XC6901x 501
-5.8
-5.6
-5.4
-5.2
-5.0
-4.8
-4.6
Time(100μs/div)
0
50
100
150
200
250
300
Output Current
Output Voltage
1mA
100mA
I
OUT =1⇔100mA,tr=tf=5μs,Ta=25℃,VCE=1.5V
V
IN=-6V,CIN=1μF(ceramic),CL=1μF(ceramic)
■
TYPICAL PERFORMANCE
CHARACTERISTICS


Similar Part No. - XC6901

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6902 TOREX-XC6902 Datasheet
513Kb / 23P
-16V ?ε뒟縕좈쎔?㎩엹3 塋?춴?с궙?γ꺃?쇈궭
More results

Similar Description - XC6901

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_06 Datasheet
155Kb / 14P
300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
logo
Tiger Electronic Co.,Lt...
KIA78R25F TGS-KIA78R25F Datasheet
2Mb / 7P
1A Low Dropout Voltage Regulator With ON/OFF Control
KIA78RXX TGS-KIA78RXX Datasheet
2Mb / 7P
1A Low Dropout Voltage Regulator With ON/OFF Control
logo
New Japan Radio
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
Texas Instruments
LM9074 TI1-LM9074 Datasheet
655Kb / 12P
System Voltage Regulator with Keep-Alive ON/OFF Control
logo
New Japan Radio
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
NJM2387A NJRC-NJM2387A Datasheet
272Kb / 10P
ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com