Electronic Components Datasheet Search
  English  ▼

X  

UPD16633B Datasheet(PDF) 4 Page - NEC

Part # UPD16633B
Description  312 OUTPUT TFT-LCD SORCE DRIVER COMPATIBLE WITH 64 GRAY SCALES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16633B Datasheet(HTML) 4 Page - NEC

  UPD16633B Datasheet HTML 1Page - NEC UPD16633B Datasheet HTML 2Page - NEC UPD16633B Datasheet HTML 3Page - NEC UPD16633B Datasheet HTML 4Page - NEC UPD16633B Datasheet HTML 5Page - NEC UPD16633B Datasheet HTML 6Page - NEC UPD16633B Datasheet HTML 7Page - NEC UPD16633B Datasheet HTML 8Page - NEC UPD16633B Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
µµµµPD16633B
4. PIN FUNCTIONS
Pin Symbol
Pin Name
Description
S1 to S312
Driver output
The D/A converted 64-gray-scale analog voltage is output.
D00 to D05
D10 to D15
D20 to D25
D30 to D35
D40 to D45
D50 to D55
Display data input
The display data is input with a width of 36 bits, viz., the gray scale data (6 bits)
by 6 dots (2 pixels).
DX0: LSB, DX5: MSB
R/L
Shift direction control
input
These refer to the start pulse input/output pins when driver ICs are connected in
cascade. The shift directions of the shift registers are as follows.
R/L = H : STHR input, S1
→S312, STHL output
R/L = L : STHL input, S312
→S1, STHR output
STHR
Right shift start pulse
input/output
R/L = H : Becomes the start pulse input pin.
R/L = L : Becomes the start pulse output pin.
STHL
Left shift start pulse
input/output
R/L = H : Becomes the start pulse output pin.
R/L = L : Becomes the start pulse input pin.
CLK
Shift clock input
Refers to the shift register’s shift clock input. The display data is incorporated into
the data register at the rising edge. At the rising edge of the 52nd clock after the
start pulse input, the start pulse output reaches the high level, thus becoming the
start pulse of the next-level driver. The initial-level driver’s 52nd clock becomes
valid as the next-level driver’s start pulse is input. If 54th clock pulses are input
after input of the start pulse, input of display data is halted automatically. The
contents of the shift register are cleared at the STB’s rising edge.
STB
Latch input
The contents of the data register are transferred to the latch circuit at the rising
edge. And, at the falling edge, the gray scale voltage is supplied to the driver. It
is necessary to ensure input of one pulse per horizontal period.
POL
Polarity input
POL = L ; The S2n–1 output uses V0 to V4 as the reference supply;
The S2n output uses V5 to V9 as the reference supply.
POL = H; The S2n–1 output uses V5 to V9 as the reference supply;
The S2n output uses V0 to V4 as the reference supply.
POL2
Data inversion
POL2 = H : Display data is inverted.
POL2 = L : Display data is not inverted.
V0 to V9
γ-corrected power
supplies
Input the
γ-corrected power supplies from outside by using operational amplifier.
Make sure to maintain the following relationships. During the gray scale voltage
output, be sure to keep the gray scale level power supply at a constant level.
VDD2 > V0 > V1 > V2 > V3 > V4 > V5 > V6 > V7 > V8 > V9 > VSS2
TEST
Test pin
TEST = H or Open: Standard mode
TEST = L: Test mode
Please input “H” level.
VDD1
Logic power supply
3.3 V
± 0.3 V
VDD2
Driver power supply
10.0 V to 13.5 V
VSS1
Logic ground
Grounding
VSS2
Driver ground
Grounding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com