Electronic Components Datasheet Search
  English  ▼

X  

UPD16633B Datasheet(PDF) 16 Page - NEC

Part # UPD16633B
Description  312 OUTPUT TFT-LCD SORCE DRIVER COMPATIBLE WITH 64 GRAY SCALES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16633B Datasheet(HTML) 16 Page - NEC

Back Button UPD16633B Datasheet HTML 12Page - NEC UPD16633B Datasheet HTML 13Page - NEC UPD16633B Datasheet HTML 14Page - NEC UPD16633B Datasheet HTML 15Page - NEC UPD16633B Datasheet HTML 16Page - NEC UPD16633B Datasheet HTML 17Page - NEC UPD16633B Datasheet HTML 18Page - NEC UPD16633B Datasheet HTML 19Page - NEC UPD16633B Datasheet HTML 20Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
µµµµPD16633B
11. RECOMMENDED MOUNTING CONDITIONS
When mounting this product, please make sure that the following recommended conditions are satisfied.
For packaging methods and conditions other than those recommended below, please contact NEC sales
personnel.
Mounting Condition
Mounting Method
Condition
Soldering
Heating tool 300 to 350°C, heating for 2 to 3 sec; pressure 100 g (per solder)
Thermocompression
ACF
(Adhesive
Conductive Film)
Temporary bonding 70 to 100°C; pressure 3 to 8 kg/cm
2; time 3 to 5 sec.
Real bonding 165 to 180°C; pressure 25 to 45 kg/cm
2, time 30 to 40 secs.
(When using the anisotropy conductive film SUMIZAC1003 of Sumitomo
Bakelite, Ltd)
Caution To find out the detailed conditions for packaging the ACF part, please contact the ACF
manufacturing company. Be sure to avoid using two or more packaging methods at a time.
Reference
NEC Semiconductor Device Reliability/Quality Control System (C10983E)
Quality Grades to NEC’s Semiconductor Devices (C11531E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com