Electronic Components Datasheet Search
  English  ▼

X  

UPD16633B Datasheet(PDF) 6 Page - NEC

Part # UPD16633B
Description  312 OUTPUT TFT-LCD SORCE DRIVER COMPATIBLE WITH 64 GRAY SCALES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16633B Datasheet(HTML) 6 Page - NEC

Back Button UPD16633B Datasheet HTML 2Page - NEC UPD16633B Datasheet HTML 3Page - NEC UPD16633B Datasheet HTML 4Page - NEC UPD16633B Datasheet HTML 5Page - NEC UPD16633B Datasheet HTML 6Page - NEC UPD16633B Datasheet HTML 7Page - NEC UPD16633B Datasheet HTML 8Page - NEC UPD16633B Datasheet HTML 9Page - NEC UPD16633B Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
µµµµPD16633B
5. RELATIONSHIP BETWEEN INPUT DATA AND OUTPUT VOLTAGE VALUE
This product incorporates a 6-bit D/A converter whose odd output pins and even output pins output respectively
gray scale voltages of differing polarity with respect to the LCD’s counter electrode (common electrode) voltage. The
D/A converter consists of ladder resistors and switches. The ladder resistors r0 to r62 are so designed that the ratios
between the LCD panel’s
γ-corrected voltages and V0’ to V63’ and V0” to V63” are roughly equal; and their respective
resistance values are as shown on page 9. Among the 5-by-2
γ-corrected voltages, input gray scale voltages of the
same polarity with respect to the common voltage, for the respective five
γ-corrected voltages of V0 to V4 and V5 to
V9.
Figure 1 shows the relationship between the driving voltages such as liquid-crystal driving voltages VDD2 and VSS2,
common electrode potential VCOM, and
γ-corrected voltages V0 to V9 and the input data. Be sure to maintain the
voltage relationships of VDD2 > V0 > V1 > V2 > V3 > V4 > V5 > V6 > V7 > V8 > V9 > VSS2.
Figures 2-1 and 2-2 show the relationship between the input data and the output data.
Table 1 shows the
resistance values of the resistor strings.
This driver IC is designed for single-sided mounting. Therefore, please do not use it for
γ-corrected power supply
level inversion in double-sided mounting. Because the current flowing through ladder resistors r0 to r62 is small, its
use for double-sided mounting impairs the IC’s stable operation when the level of the
γ-corrected power supply
terminal is inverted thus causing display failures.
Figure 1. Relationship Between Input Data and Output Voltage
3F
38
30
28
20
18
10
08
00
Input data (HEX)
(POL2 = L)
40 (Invalid)
0.1 V
V9
VSS2
0.1 V
V0
VDD2
V1
V2
V3
V4
VCOM
V5
V6
V7
V8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com