Electronic Components Datasheet Search
  English  ▼

X  

UPD16633B Datasheet(PDF) 15 Page - NEC

Part # UPD16633B
Description  312 OUTPUT TFT-LCD SORCE DRIVER COMPATIBLE WITH 64 GRAY SCALES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16633B Datasheet(HTML) 15 Page - NEC

Back Button UPD16633B Datasheet HTML 11Page - NEC UPD16633B Datasheet HTML 12Page - NEC UPD16633B Datasheet HTML 13Page - NEC UPD16633B Datasheet HTML 14Page - NEC UPD16633B Datasheet HTML 15Page - NEC UPD16633B Datasheet HTML 16Page - NEC UPD16633B Datasheet HTML 17Page - NEC UPD16633B Datasheet HTML 18Page - NEC UPD16633B Datasheet HTML 19Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
STHR
(1st Dr.)
CLK
VDD1
VSS1
D n0 to D n5
POL2
STHL
(1st Dr.)
STB
POL
1
2
3
52
53
54
513
514
1
2
tSPL
tSETUP2
tHOLD2
INVALID
D1 to D6
D7 to D12
D301 to
D306
D307 to
D312
D313 to
D318
D3067 to
D3072
INVALID
D1 to D3
D4 to D6
tSETUP1
tHOLD1
INVALID
INVALID
tSETUP3
tHOLD3
tPLH1
tINV
tLDT
PWSTB
tCLK-STB
tSTB-CLK
tPHL3
tPHL2
tPLH2
tPLH3
Hi-z
Target Voltage
± 0.1 VDD2
tPOL-STB
tSTB-POL
Vout
PWCLK (L) PWCLK PWCLK (H)
tSTB-STH
tr
tf
90 %
10 %
VDD1
VSS1
VDD1
VSS1
VDD1
VSS1
VDD1
VSS1
VDD1
VSS1
VDD1
VSS1
6 bit accuracy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com