Electronic Components Datasheet Search
  English  ▼

X  

RFPT200 Datasheet(PDF) 1 Page - TEMEX

Part # RFPT200
Description  The CHARON is a SPI controlled high accuracy TCXO with embedded timer and alarm function
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

RFPT200 Datasheet(HTML) 1 Page - TEMEX

  RFPT200 Datasheet HTML 1Page - TEMEX RFPT200 Datasheet HTML 2Page - TEMEX RFPT200 Datasheet HTML 3Page - TEMEX RFPT200 Datasheet HTML 4Page - TEMEX RFPT200 Datasheet HTML 5Page - TEMEX RFPT200 Datasheet HTML 6Page - TEMEX RFPT200 Datasheet HTML 7Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
•
•
•
•
•
•
•
RFPT200
-------
The CHARON is a SPI controlled high accuracy TCXO with embedded timer and alarm
function.
-------
-------
The Charon is a high stability 7x5 SMD Digitally Controlled Temperature Controlled
Crystal Oscillator (DCTCXO) designed and specified to bring together the highest
stability TCXO performance with digital frequency control, separate low frequency
output, timer and alarm functionality.
-------
Product description
-------
Serial Peripheral Interface (SPI) controlled high accuracy TCXO with embedded timer and
alarm function.
Using Rakon’s advanced Pluto™ analogue frequency compensation system,
the DCTCXO achieves unrivalled frequency stability. A custom ASIC, Charon (Pluto’s moon)
has been designed to closely interface with the Pluto™ ASIC to provide the extra enhanced
functionality in a miniature 7x5 SMD package. In addition to market leading stability the
Charon device features integrated timing and control functions. A low frequency timing pulse
is derived from a programmable division ratio of the high stability oscillator. This drives the
onboard 32 bit timer, which coupled to a 32 bit programmable comparator and alarm
circuitry, enables a system to enter a low power standby mode and be woken at a precise
time in the future. All digital control is via a standard 4-wire SPI interface.
-------
Applications
Military
Other
-------
Features
32 bit timer
32 bit comparator with alarm output
Low frequency timing pulse
Digital frequency adjustment
Low power standby mode
-------
Specifications
-----
1.0
SPECIFICATION REFERENCES
Line
Parameter
Description
1.1
Model description
RFPT200 'Charon'
1.2
RoHS compliant
Available on request
1.3
Package size available
7.0 mm x 5.0 mm x 2.8 mm
-----
2.0
FREQUENCY CHARACTERISTICS
Line
Parameter
Test Condition
Value
Unit
2.1
Frequency range
Frequency range available depends on output type (Note 1)
3 to 40
MHz
2.2
Frequency calibration
At 25°C at mid-range of DAC, reference nominal frequency
±0.5 to 1
ppm
2.3
Frequency stability
over temperature
Reference to (Fmax+Fmin)/2. Max ±0.15 ppm only available over
-20°C to 70°C (Note 2)
±0.15 to 2
ppm
2.4
Temperature range
The operating temperature range over which the frequency
stability is measured (Note 3)
-55 to 95
°C
2.5
Stability vs. supply
voltage changes
±5% variation in supply voltage.
Nominal value ±0.1 ppm
±0.05 to
0.2
ppm
2.6
Stability vs. load
changes
±10% variation in load.
Nominal value ±0.1 ppm
±0.05 to
0.2
ppm
2.7
Long term stability
At 25°C, first year.
Nominal value ±1 ppm
±0.5 to 2
ppm
2.8
Long term stability
At 25°C, 10 years predicted, including first year.
Nominal value ±3 ppm
±2 to 5
ppm
2.9
Drift due to reflow
soldering
At 25°C, at mid-range of DAC, 24 hours after reflow.
±0.5 to 1
ppm
-----
Page 1


Similar Part No. - RFPT200

ManufacturerPart #DatasheetDescription
logo
TEMEX
RFPT100 TEMEX-RFPT100 Datasheet
291Kb / 2P
An emergency distress beacon is a small battery.powered
logo
Rakon Limited
RFPT100 RAKON-RFPT100 Datasheet
966Kb / 2P
PLUTO™ TCXO DESIGNED FOR COSPAS-SARSAT EMERGENCY BEACONS
30 May 2023
logo
TEMEX
RFPT400 TEMEX-RFPT400 Datasheet
260Kb / 5P
Low cost SMD Temperature Compensated Crystal Oscillator for indoor wireless
RFPT500 TEMEX-RFPT500 Datasheet
305Kb / 5P
SMD Temperature Compensated Crystal Oscillator
RFPT700 TEMEX-RFPT700 Datasheet
308Kb / 6P
SMD Low Acceleration Sensitivity TCXO / TCVCXO
More results

Similar Description - RFPT200

ManufacturerPart #DatasheetDescription
logo
Epson Company
RTC4573 EPSON-RTC4573 Datasheet
157Kb / 12P
Serial RTC with Alarm and Timer
logo
Allegro MicroSystems
A5303 ALLEGRO-A5303 Datasheet
380Kb / 14P
Photoelectric Smoke Detector with Interconnect, Timer, and Latching Alarm Indicator
logo
NXP Semiconductors
PCF85063BTL NXP-PCF85063BTL Datasheet
533Kb / 53P
Tiny Real-Time Clock/calendar with alarm function and SPI-bus
Rev. 2-15 April 2013
logo
ams AG
AS6200 AMSCO-AS6200 Datasheet
709Kb / 35P
The AS6200 IC is a high accuracy temperature sensor system
logo
Allegro MicroSystems
A5303 ALLEGRO-A5303_16 Datasheet
799Kb / 15P
Photoelectric Smoke Detector with Interconnect, Timer, and Latching Alarm Indicator
logo
Texas Instruments
TPS3852-Q1 TI1-TPS3852-Q1 Datasheet
503Kb / 28P
High-Accuracy Voltage Supervisor with Integrated Watchdog Timer
TPS3851-Q1 TI1-TPS3851-Q1 Datasheet
1Mb / 34P
High-Accuracy Voltage Supervisor with Integrated Watchdog Timer
logo
PHOENIX CONTACT
ETD-BL-1T-F-10S PHOENIX-ETD-BL-1T-F-10S Datasheet
155Kb / 8P
Timer relay with flash function and adjustable time
logo
SELEC Controls Pvt. Ltd
XT56 SELEC-XT56 Datasheet
75Kb / 2P
High Accuracy, Push Wheel Setting Timer
logo
Murata Manufacturing Co...
NXFS15XW222EEAB021 MURATA1-NXFS15XW222EEAB021 Datasheet
321Kb / 3P
High accuracy and high sensibility temperature sensing is available by the small size and high accuracy NTC Thermistor.
10/11/2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com