Electronic Components Datasheet Search
  English  ▼

X  

RFPT200 Datasheet(PDF) 3 Page - TEMEX

Part # RFPT200
Description  The CHARON is a SPI controlled high accuracy TCXO with embedded timer and alarm function
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

RFPT200 Datasheet(HTML) 3 Page - TEMEX

  RFPT200 Datasheet HTML 1Page - TEMEX RFPT200 Datasheet HTML 2Page - TEMEX RFPT200 Datasheet HTML 3Page - TEMEX RFPT200 Datasheet HTML 4Page - TEMEX RFPT200 Datasheet HTML 5Page - TEMEX RFPT200 Datasheet HTML 6Page - TEMEX RFPT200 Datasheet HTML 7Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
9.0
LF TIMING PULSE: PULSE PERIOD
Line
Parameter
Test Condition
Value
Unit
9.1
LF pulse period
Sync counter setting. User programmable register.
Sync ratio at power up: 4096
2 to 4096
Sync.
ratio
9.2
LF pulse period
LF timing pulse period = oscillator period * ripple * sync
0.2 to
26214.4
µs
-----
10.0
LF TIMING PULSE: ENABLE SETTING
Line
Parameter
Test Condition
Value
Unit
10.1
LF output off
SPI or bonded in paralled to RF enable
0
10.2
LF output on
SPI or bonded in paralled to RF enable
1
-----
11.0
COUNTER
Line
Parameter
Test Condition
Value
Unit
11.1
32 bit timer
Continuous count of LF, reset on power up, read via SPI
Default: 0. Maximum: 2³²-1 LF counts
11.2
32 bit min. rollover
period
(2³²-1) x LF period
859 min
sec
11.3
32 bit max. rollover
period
(2³²-1) x LF period
1303 max
day
-----
12.0
ALARM
Line
Parameter
Test Condition
Value
Unit
12.1
32 bit match
Set via SPI which also resets alarm output when set. User
programmable register.
Default: 0. Maximum: 2³²-1
12.2
Alarm dedicated
output
Alarm latched when match detector matches timer.
Power up default: 1 (Note 4)
0 to 1
Alarm
high
-----
13.0
FREQUENCY CHARACTERISTICS (DAC)
Line
Parameter
Test Condition
Value
Unit
13.1
Frequency min. shift
At 0 - relative to DAC 128
-5 to -10
ppm
13.2
Frequency nominal
shift
At 0 - relative to DAC 128
-7 to -15
ppm
13.3
Frequency max. shift
At 0 - relative to DAC 128
-10 to -20
ppm
13.4
Frequency min. shift
At 255 - relative to DAC 128
5 to 10
ppm
13.5
Frequency nominal
shift
At 255 - relative to DAC 128
7 to 15
ppm
13.6
Frequency max. shift
At 255 - relative to DAC 128
10 to 20
ppm
13.7
Frequency change per
bit
Frequency (DAC 255 – DAC 0) / 256
Nominal value 0.08 ppm
0.04 to 0.2
ppm
-----
14.0
STANDARD 4 WIRE SPI INTERFACE (CPOL 0, CPHA 0 MODE)
Line
Parameter
Description
14.1
Diagram
Refer to standard 4 wire SPI interface diagram
14.2
Digital control and LF
output
Digital control specification available on request
-----
15.0
MARKING
Line
Parameter
Description
15.1
Type
Laser marked
15.2
Line 1
R and manufacturing identifier (X YW) (see model drawing)
15.3
Line 2
Pad 1 / static sensitivity identifier (Δ), abbreviated part number (0000), device date code
(YW) (see model drawing)
-----
Page 3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com