Electronic Components Datasheet Search
  English  ▼

X  

RFPT200 Datasheet(PDF) 4 Page - TEMEX

Part # RFPT200
Description  The CHARON is a SPI controlled high accuracy TCXO with embedded timer and alarm function
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

RFPT200 Datasheet(HTML) 4 Page - TEMEX

  RFPT200 Datasheet HTML 1Page - TEMEX RFPT200 Datasheet HTML 2Page - TEMEX RFPT200 Datasheet HTML 3Page - TEMEX RFPT200 Datasheet HTML 4Page - TEMEX RFPT200 Datasheet HTML 5Page - TEMEX RFPT200 Datasheet HTML 6Page - TEMEX RFPT200 Datasheet HTML 7Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
16.0
PIN CONNECTIONS
Line
Parameter
Description
16.1
Pin 1
SPI-CLK (SCLK)
16.2
Pin 2
SPI-IN (SDI)
16.3
Pin 3
SPI-OUT (SDO)
16.4
Pin 4
GND
16.5
Pin 5
+Vs*
16.6
Pin 6
RF out
16.7
Pin 7
ALARM
16.8
Pin 8
LF out
16.9
Pin 9
RF & LF enable
16.10
Pin 10
Supply, +Vs
16.11
Pin 11
DAC_OUT/VCXO*
16.12
Pin 12
SPI-EN (SS enable low)
16.13
Note
* = No connection required, monitor points used during manufacture
-----
17.0
ENVIRONMENTAL
Line
Parameter
Description
17.1
Shock
IEC 60068-2-27 test Ea, 1500g,0.5ms, half-sine, 18 shocks total
17.2
Vibration
IEC 60068-2-6 test Fc,20gn,55-2000Hz,4 hours per axis (12 hours total)
17.3
Storage temperature
-55 °C to +125 °C
-----
18.0
MANUFACTURING INFORMATION
Line
Parameter
Description
18.1
Solderability
MIL-STD-202, method 208, category 3
18.2
Reflow
Solder reflow processes as per attached profile. When soldering, ensure solder does not short
top and bottom castellations
18.3
Materials
Part will not contain components with 'pure tin' terminations- part is assembled with lead-
bearing solder. Termination finish: Au (0.5 to 1.27μm) over Ni (1.27 to 8.89μm) over tungsten
on an alumina substrate
-----
19.0
SPECIFICATION NOTES
Line
Parameter
Description
19.1
1
Frequency range available dependant on output type. Available in HCMOS output (3-40MHz)
and clipped sinewave output (10-40MHz)
19.2
2
-20°C to 70°C ref. (Fmax +Fmin)/2. ±0.15 ppm min; ±0.3 ppm nominal; ±0.5 ppm max
-40°C to 85°C ref. (Fmax +Fmin)/2. ±0.2 ppm min; ±0.5 ppm nominal; ±1.0 ppm max
-55°C to 95°C ref. (Fmax +Fmin)/2. ±0.5 ppm min; ±1.0 ppm nominal; ±2.0 ppm max
19.3
3
Stability / temperature range options other than listed man be available upon request. Please
consult sales office for a availability
19.4
4
For example the alarm can be set for periods of up to 50 days with 1ms resolution and with
sub 1s accuracy
-------
Page 4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com