Electronic Components Datasheet Search
  English  ▼

X  

RFPT200 Datasheet(PDF) 2 Page - TEMEX

Part # RFPT200
Description  The CHARON is a SPI controlled high accuracy TCXO with embedded timer and alarm function
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

RFPT200 Datasheet(HTML) 2 Page - TEMEX

  RFPT200 Datasheet HTML 1Page - TEMEX RFPT200 Datasheet HTML 2Page - TEMEX RFPT200 Datasheet HTML 3Page - TEMEX RFPT200 Datasheet HTML 4Page - TEMEX RFPT200 Datasheet HTML 5Page - TEMEX RFPT200 Datasheet HTML 6Page - TEMEX RFPT200 Datasheet HTML 7Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3.0
POWER SUPPLY
Line
Parameter
Test Condition
Value
Unit
3.1
Supply voltage
Normally specified as nominal (Vcc) ±5%.
Nominal value 3.3V
2.5 to 5.5
V
3.2
Supply current
3.3V, load 15pF (min.@ 10MHz, max.@ 40MHz).
Nominal value 4 mA
2 to 6
mA
3.3
Supply current
RF output disabled (min.@ 10MHz, max.@ 40MHz).
Nominal value 1.6 mA
1.4 to 1.8
mA
-----
4.0
HCMOS OSCILLATOR OUTPUT
Line
Parameter
Test Condition
Value
Unit
4.1
Output waveform
HCMOS
4.2
Output voltage level
low
10 max
%Vcc
4.3
Output voltage level
high
90 min
%Vcc
4.4
Rise and fall times
10% to 90% of Voh-Vol.
Nominal value 6 ns
4 to 8
ns
4.5
Duty cycle
Measured at 50% Vcc
45 to 55
%
4.6
Load
Normally specified at CL±10%.
Nominal value 15 pF
10 to 50
pF
-----
5.0
CLIPPED SINEWAVE OSCILLATOR OUTPUT
Line
Parameter
Test Condition
Value
Unit
5.1
Output waveform
Clipped sinewave (DC coupled)
5.2
Output voltage level
Peak to peak voltage measured at minimum supply voltage
0.8
V
5.3
Output load
resistance
Operating range
9 to 11
kΩ
5.4
Output load
capacitance
Operating range
9 to 11
pF
-----
6.0
RF OUTPUT TRISTATE CONTROL
Line
Parameter
Test Condition
Value
Unit
6.1
Output enabled
Active high or open circuit ≥0.6 Vcc (100 kΩ internal pull up)
60 min
%Vcc
6.2
Output tristate mode
20 max
%Vcc
6.3
Tri-state control
In tri-state mode, the RF output stage is disabled but the
oscillator, compensation circuit and digital section are still active.
An RF enable signal to stable frequency operation is therefore
very rapid
-----
7.0
SSB PHASE NOISE
Line
Parameter
Test Condition
Value
Unit
7.1
SSB phase noise
power density at
10Hz offset
Typical at 10MHz
-95
dBc/Hz
7.2
SSB phase noise
power density at
100kHz offset
Typical at 10MHz
-145
dBc/Hz
-----
8.0
LF TIMING PULSE: PULSE WIDTH
Line
Parameter
Test Condition
Value
Unit
8.1
LF pulse width
Ripple counter setting. User programmable register.
Divider ratio at power up: 64
4 to 64
Divider
ratio
8.2
LF pulse width
LF timing pulse width = oscillator period * ripple
0.1 to 6.4
μs
-----
Page 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com