Electronic Components Datasheet Search
  English  ▼

X  

RFPT700 Datasheet(PDF) 1 Page - TEMEX

Part # RFPT700
Description  SMD Low Acceleration Sensitivity TCXO / TCVCXO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

RFPT700 Datasheet(HTML) 1 Page - TEMEX

  RFPT700 Datasheet HTML 1Page - TEMEX RFPT700 Datasheet HTML 2Page - TEMEX RFPT700 Datasheet HTML 3Page - TEMEX RFPT700 Datasheet HTML 4Page - TEMEX RFPT700 Datasheet HTML 5Page - TEMEX RFPT700 Datasheet HTML 6Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
•
•
•
•
RFPT700
-------
SMD Low Acceleration Sensitivity TCXO / TCVCXO.
-------
-------
A series of surface mountable Temperature Compensated Voltage Controlled Crystal
Oscillators (TCVCXOs) for applications where phase noise performance under vibration
is critical.
-------
Product description
-------
The RFPT700 TCVCXO uses Rakon's proprietary ASIC 'Pluto™', a single chip oscillator with
analogue compensation circuit, and a patented crystal resonator design, resulting in high
stability over a wide temperature range paired with typically 0.2ppb/g acceleration sensitivity.
-------
Applications
Communications
Avionics
Guidance
Military
-------
Features
-------
Specifications
-----
1.0
SPECIFICATION REFERENCES
Line
Parameter
Description
1.1
Description
RFPT700
1.2
Rakon part number
1.3
RoHS compliant
Yes (non-RoHS version available upon request)
1.4
Package size
14.7 x 9.2 x 4.35 mm (max)
-----
2.0
FREQUENCY CHARACTERISTICS
Line
Parameter
Test Condition
Value
Unit
2.1
Frequency range
10 to 30
MHz
2.2
Frequency calibration
At 25°C±2°C, at time of shipment, reference to nominal frequency
±1 max
ppm
2.3
Reflow shift
After 1 hour recovery at 25°C
±1 max
ppm
2.4
Frequency stability
over temperature
Reference to (Fmax + Fmin)/2 (note 1)
±0.2 to 5
ppm
2.5
Temperature range
Operating temperature range over which temperature stability is
measured (note 2)
-55 to 105
°C
2.6
Slope
Temperature ramp 1°C/minute
20 to 200
ppb/°C
2.7
Supply voltage
stability, HCMOS
output
±5% variation, reference to frequency at nominal supply voltage,
typically less than...
±0.2
ppm
2.8
Supply voltage
stability, clipped
sinewave output
±5% variation, reference to frequency at nominal supply voltage,
typical less than...
±0.1
ppm
2.9
Load sensitivity,
HCMOS output
±5pF variation, reference to frequency at 15pF load, typically less
than...
±0.2
ppm
2.10
Load sensitivity,
Clipped Sinewave
Output
±10% variation, reference to frequency at 10k//10pF, typically
less than...
±0.1
ppm
2.11
Long term stability
first year, ≤ 26MHz
±1 max
ppm
2.12
Long term stability
first year, > 26MHz
±2 max
ppm
2.13
Long term stability
10 years, ≤ 26MHz
±3 max
ppm
2.14
Long term stability
10 years, > 26MHz
±5 max
ppm
2.15
Acceleration
sensitivity
Gamma Vector over operating temperature range (typically
0.2ppb/g)
0.5 max
ppb/g
-----
Page 1


Similar Part No. - RFPT700

ManufacturerPart #DatasheetDescription
logo
TEMEX
RFPT100 TEMEX-RFPT100 Datasheet
291Kb / 2P
An emergency distress beacon is a small battery.powered
logo
Rakon Limited
RFPT100 RAKON-RFPT100 Datasheet
966Kb / 2P
PLUTO™ TCXO DESIGNED FOR COSPAS-SARSAT EMERGENCY BEACONS
30 May 2023
logo
TEMEX
RFPT200 TEMEX-RFPT200 Datasheet
306Kb / 7P
The CHARON is a SPI controlled high accuracy TCXO with embedded timer and alarm function
RFPT400 TEMEX-RFPT400 Datasheet
260Kb / 5P
Low cost SMD Temperature Compensated Crystal Oscillator for indoor wireless
RFPT500 TEMEX-RFPT500 Datasheet
305Kb / 5P
SMD Temperature Compensated Crystal Oscillator
More results

Similar Description - RFPT700

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AA-XADXXX NEL-AA-XADXXX Datasheet
135Kb / 4P
LVDS TCXO/TCVCXO
OF-XBAXXXX NEL-OF-XBAXXXX Datasheet
46Kb / 3P
UHF SMD TCVCXO
logo
MTRONPTI
M6029 MTRONPTI-M6029 Datasheet
220Kb / 1P
5x7 mm, 3.0 Volt, Clipped Sinewave, TCXO/TCVCXO
M6029_0611 MTRONPTI-M6029_0611 Datasheet
250Kb / 2P
5x7 mm, 3.0 Volt, Clipped Sinewave, TCXO/TCVCXO
logo
CTS Corporation
574 CTS-574 Datasheet
194Kb / 5P
Stratum 3 TCXO/TCVCXO
logo
List of Unclassifed Man...
CFPT-9025 ETC2-CFPT-9025 Datasheet
63Kb / 3P
High Performance TCXO/TCVCXO
logo
EUROQUARTZ limited
T1300 EUROQUARTZ-T1300 Datasheet
84Kb / 1P
Ultra-low Acceleration Sensitivity
logo
Nel Frequency Controls,...
AA-XADXXX-X NEL-AA-XADXXX-X Datasheet
149Kb / 4P
LVDS TCXO/TCVCXO
logo
MMD Components
MTDS5 MMD-MTDS5 Datasheet
157Kb / 2P
Low Profile SMD TCXO
logo
EUROQUARTZ limited
T1307 EUROQUARTZ-T1307 Datasheet
110Kb / 1P
Ultra-low Acceleration Sensitivity
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com