Electronic Components Datasheet Search
  English  ▼

X  

RFPT700 Datasheet(PDF) 4 Page - TEMEX

Part # RFPT700
Description  SMD Low Acceleration Sensitivity TCXO / TCVCXO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

RFPT700 Datasheet(HTML) 4 Page - TEMEX

  RFPT700 Datasheet HTML 1Page - TEMEX RFPT700 Datasheet HTML 2Page - TEMEX RFPT700 Datasheet HTML 3Page - TEMEX RFPT700 Datasheet HTML 4Page - TEMEX RFPT700 Datasheet HTML 5Page - TEMEX RFPT700 Datasheet HTML 6Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
11.0
PIN CONNECTIONS
Line
Parameter
Description
11.1
Pin 1
Control Voltage (Vc) OR Do not connect (depending on option selected)
11.2
Pin 2
Not connected
11.3
Pin 3
GND
11.4
Pin 4
Output
11.5
Pin 5
Not connected
11.6
Pin 6
Supply Voltage (Vs)
-----
12.0
MARKING
Line
Parameter
Description
12.1
Marking
includes
12.2
rakon
12.3
Part Number (Exxxx)
12.4
Frequency (MHz)
12.5
Pad 1 identifier (indent)
12.6
Device date / location code
-----
13.0
DISCLAIMER
Line
Parameter
Description
13.1
Disclaimer
“Samples supplied according to this specification are supplied from our development or pre-
production programme and as such are not qualification approved products. No condition,
warranty or representation regarding quality, suitability, performance, life or continuation of
supply is given or implied and Guarantee in clause 6.1 of our standard Conditions of Sale is
not applicable. The right is reserved to change the design or specification or cease supply
without notice.” RAKON UK Limited
-------
Page 4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com