Electronic Components Datasheet Search
  English  ▼

X  

RFPT700 Datasheet(PDF) 2 Page - TEMEX

Part # RFPT700
Description  SMD Low Acceleration Sensitivity TCXO / TCVCXO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

RFPT700 Datasheet(HTML) 2 Page - TEMEX

  RFPT700 Datasheet HTML 1Page - TEMEX RFPT700 Datasheet HTML 2Page - TEMEX RFPT700 Datasheet HTML 3Page - TEMEX RFPT700 Datasheet HTML 4Page - TEMEX RFPT700 Datasheet HTML 5Page - TEMEX RFPT700 Datasheet HTML 6Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3.0
POWER SUPPLY
Line
Parameter
Test Condition
Value
Unit
3.1
Supply voltage
Standard supply voltages: 3.3 and 5.0V (±5%), other values
available upon request.
2.5 to 5.7
V
3.2
Current HCMOS
typically: 1+frequency(MHz)*supply(V)*{load(pF)+15}*10⁻³mA
e.g 20MHz, 5V, 15pF = 4mA
mA
3.3
Current Clipped
Sinewave
typically: 1+frequency(MHz)*1.2*{load(pF) +30}*10⁻³mA
mA
-----
4.0
OSCILLATOR OUTPUT HCMOS (optional) - note 3
Line
Parameter
Test Condition
Value
Unit
4.1
Output waveform
HCMOS
4.2
Output voltage level
low
0.1 max
Vs
4.3
Output voltage level
high
0.9 min
Vs
4.4
Rise and fall times
Measured with Vcc = 3.3V
8 max
ns
4.5
Rise and fall times
Measured with Vcc = 5.0V
7 max
ns
4.6
Duty cycle
Measured at 50% level
45 to 55
%
4.7
Load
15
pF
-----
5.0
OSCILLATOR OUTPUT CLIPPED SINEWAVE (optional) - note 3
Line
Parameter
Test Condition
Value
Unit
5.1
Output waveform
Clipped sinewave, DC-coupled
5.2
Output voltage level
Peak to peak voltage
0.8 min
V
5.3
Output load
resistance
10
kΩ
5.4
Output load
capacitance
10
pF
-----
6.0
FREQUENCY ADJUSTMENT (optional)
Line
Parameter
Test Condition
Value
Unit
6.1
Control Voltage Range
Vc
0.5 to 2.5
V
6.2
Frequency
Adjustment Range
frequency ≤ 26MHz
±5 min
ppm
6.3
Frequency
Adjustment Range
frequency > 26MHz
±7 min
ppm
-----
Page 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com