Electronic Components Datasheet Search
  English  ▼

X  

RFPT700 Datasheet(PDF) 3 Page - TEMEX

Part # RFPT700
Description  SMD Low Acceleration Sensitivity TCXO / TCVCXO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

RFPT700 Datasheet(HTML) 3 Page - TEMEX

  RFPT700 Datasheet HTML 1Page - TEMEX RFPT700 Datasheet HTML 2Page - TEMEX RFPT700 Datasheet HTML 3Page - TEMEX RFPT700 Datasheet HTML 4Page - TEMEX RFPT700 Datasheet HTML 5Page - TEMEX RFPT700 Datasheet HTML 6Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
7.0
PHASE NOISE
Line
Parameter
Test Condition
Value
Unit
7.1
SSB phase noise
power density at 1Hz
offset
Typical value for a 20MHz Clipped sine wave oscillator at 25°C
-63
dBc/Hz
7.2
SSB phase noise
power density at
10Hz offset
Typical value for a 20MHz Clipped sine wave oscillator at 25°C
-93
dBc/Hz
7.3
SSB phase noise
power density at
100Hz offset
Typical value for a 20MHz Clipped sine wave oscillator at 25°C
-104
dBc/Hz
7.4
SSB phase noise
power density at 1kHz
offset
Typical value for a 20MHz Clipped sine wave oscillator at 25°C
-128
dBc/Hz
7.5
SSB phase noise
power density at
10kHz offset
Typical value for a 20MHz Clipped sine wave oscillator at 25°C
-136
dBc/Hz
7.6
SSB phase noise
power density at
100kHz offset
Typical value for a 20MHz Clipped sine wave oscillator at 25°C
-140
dBc/Hz
7.7
SSB phase noise
power density at
1MHz offset
Typical value for a 20MHz Clipped sine wave oscillator at 25°C
-143
dBc/Hz
7.8
Note
Low phase noise option available with HCMOS output - consult
sales office
-----
8.0
ENVIRONMENTAL INFORMATION
Line
Parameter
Description
8.1
Storage temperature
-55°C to 125°C
8.2
Acceleration Steady
State
IEC 60068-2-7 test Ga, 5000g, 10s (at peak acceleration), Y-axis only
8.3
Vibration
IEC 60068-2-6, test Fc: 10-60Hz 0.75mm displacement, 60-500Hz 200m/s^2 (20gn)
acceleration, 1.5 hours in each of three mutually perpendicular axes at 1 octave per minute.
8.4
Mechanical Shock
IEC 60068-2-27, test Ea; 1000 m/s^2 (100gn) acceleration for 6ms, half sine pulse, 3 shocks
in each direction along three mutually perpendicular axes (18 shocks total)
8.5
RoHS
Parts are fully compliant with the European Union directive 2002/95/EC on the restriction of
the use of certain hazardous substances in electrical and electronic equipment. Note parts are
suitable for assembly using both Lead-free solders and Tin/Lead solders. Non-RoHS version
available on request.
8.6
Marking
Laser Marked
-----
9.0
MANUFACTURING INFORMATION
Line
Parameter
Description
9.1
Reflow Soldering
See reflow profile diagram. Solderability: MIL-STD-202, method 208, category 3
9.2
Packaging description
Quantities ≥ 100 pieces will be supplied on tape & reel
-----
10.0
SPECIFICATION NOTES
Line
Parameter
Description
10.1
Note 1
Availability of stability depends on temperature range - not all combinations may be possible -
please check with our sales office.
10.2
Note 2
Availability of temperature range -55 to 105°C depends on nominal frequency - please check
with our sales office.
10.3
Note 3
ACMOS / pure sine wave output available upon request
-----
Page 3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com