Electronic Components Datasheet Search
  English  ▼

X  

UPD16680 Datasheet(PDF) 35 Page - NEC

Part # UPD16680
Description  1/53, 1/40 DUTY, LCD CONTROLLER/DRIVER WITH BUILT-IN RAM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16680 Datasheet(HTML) 35 Page - NEC

Back Button UPD16680 Datasheet HTML 31Page - NEC UPD16680 Datasheet HTML 32Page - NEC UPD16680 Datasheet HTML 33Page - NEC UPD16680 Datasheet HTML 34Page - NEC UPD16680 Datasheet HTML 35Page - NEC UPD16680 Datasheet HTML 36Page - NEC UPD16680 Datasheet HTML 37Page - NEC UPD16680 Datasheet HTML 38Page - NEC UPD16680 Datasheet HTML 39Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
Data Sheet S12694EJ2V0DS00
35
µµµµPD16680
13. ELECTRICAL SPECIFICATIONS
Absolute maximum ratings (TA =+25
°°°°C, VSS =0 V)
Parameter
Symbol
Ratings
Unit
Supply voltage (4-fold voltage mode)
VDD
–0.3 to +3.75
V
Supply voltage (3-fold voltage mode)
VDD
–0.3 to +5.0
V
Driver supply voltage
VLCD
–0.3 to +15.0, VDD
≤ VLCD
V
Driver reference supply input voltage
VLC1 to VLC5
–0.3 to VLCD+0.3
V
Logic system input voltage
VIN1
–0.3 to VDD+0.3
V
Logic system output voltage
VOUT1
–0.3 to VDD+0.3
V
Logic system input/output voltage
VI/01
–0.3 to VDD+0.3
V
Driver system input voltage
VIN2
–0.3 to VLCD+0.3
V
Driver system output voltage
VOUT2
–0.3 to VLCD+0.3
V
Operating temperature
TA
–40 to +85
°C
Storage temperature
Tstg
–55 to +150
°C
Caution
If the absolute maximum rating of even one of the above parameters is exceeded even
momentarily, the quality of the product may be degraded. Absolute maximum ratings, therefore,
specify the values exceeding which the product may be physically damaged. Be sure to use the
product within the range of the absolute maximum ratings.
Recommended operating range
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply voltage (4-fold voltage mode)
VDD
2.4
3.0
V
Supply voltage (3-fold voltage mode)
VDD
2.4
4.0
V
Driver supply voltage
Note
VLCD
5.0
10
12
V
Logic system input voltage
VIN
0VDD
V
Driver system input voltage
VLC1 to VLC5
0VLCD
V
Note
When to use external LCD driving, this parameter is recommended.
Remarks1.
When to use external LCD driving, keep VSS
< VLC5 < VLC4 < VLC3 < VLC2 < VLC1 ≤ VLCD
2.
When power on or power off moment, keep VDD
≤ VLCD
3.
When to use internal LCD driving circuit and not to use D/A converter, keep voltage inputted to
AMPIN(+) pin to 1.0V to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com