Electronic Components Datasheet Search
  English  ▼

X  

UPD16680 Datasheet(PDF) 36 Page - NEC

Part # UPD16680
Description  1/53, 1/40 DUTY, LCD CONTROLLER/DRIVER WITH BUILT-IN RAM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16680 Datasheet(HTML) 36 Page - NEC

Back Button UPD16680 Datasheet HTML 32Page - NEC UPD16680 Datasheet HTML 33Page - NEC UPD16680 Datasheet HTML 34Page - NEC UPD16680 Datasheet HTML 35Page - NEC UPD16680 Datasheet HTML 36Page - NEC UPD16680 Datasheet HTML 37Page - NEC UPD16680 Datasheet HTML 38Page - NEC UPD16680 Datasheet HTML 39Page - NEC UPD16680 Datasheet HTML 40Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
Data Sheet S12694EJ2V0DS00
36
µµµµPD16680
Electrical characteristics (Unless otherwise specified, TA = –40 to +85
°C, 4-fold voltage mode : VDD = 2.7 to 3.0V or
3-fold voltage mode : VDD = 2.7 to 4.0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
High-level input voltage
VIH
0.8 VDD
V
Low-level input voltage
VIL
0.2 VDD
V
High-level input current
IIH1
Except DO/DATA, D1 to D7
1
µA
Low-level input current
IIL1
Except DO/DATA, D1 to D7
–1
µA
High-level output voltage
VOH
IOUT = –1.5 mA, Except OSCOUT
VDD–0.5
V
Low-level output voltage
VOL
IOUT = 4 mA, Except OSCOUT
0.5
V
High-level leakage current
ILOH
DO/DATA, D1 to D7
VIN/OUT = VDD
10
µA
Low -level leakage current
ILOL
DO/DATA, D1 to D7
VIN/OUT = VSS
–10
µA
Common output ON resistance
RCOM
VLCn ¡COMn, VLCD
≥ 3VDD
lIOl = 50
µA
2k
Ω
Segment output ON resistance
RSEG
VLCn¡SEGn, VLCD
≥ 3VDD
lIOl = 50
µA
4k
Ω
3-fold voltage mode
2.7 VDD
3.0 VDD
V
Driver voltage (Booster voltage)
VLCD
4-fold voltage mode
3.6 VDD
4.0 VDD
V
fOSC = 32 kHz, Display-off data output
VDD = 3.0 V,3-fold voltage mode
Not to access to RAM.
95
µA
Current consumption (VDD)
Level condenser mode
IDD11
fOSC = 32 kHz, Display-off data output
VDD = 3.0 V,4-fold voltage mode
Not to access to RAM.
125
µA
fOSC = 32 kHz, Display-off data output
VDD = 3.0 V,3-fold voltage mode
Not to access to RAM.
160
µA
Current consumption (VDD)
LCD driving mode
IDD12
fOSC = 32 kHz, Display-off data output
VDD = 3.0 V,4-fold voltage mode
Not to access to RAM.
250
µA
Driver current consumption
(VDD
, Standby)
IDD21
VDD = 3.0 V
10
µA
5
5
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com