Electronic Components Datasheet Search
  English  ▼

X  

UPD16680 Datasheet(PDF) 37 Page - NEC

Part # UPD16680
Description  1/53, 1/40 DUTY, LCD CONTROLLER/DRIVER WITH BUILT-IN RAM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16680 Datasheet(HTML) 37 Page - NEC

Back Button UPD16680 Datasheet HTML 33Page - NEC UPD16680 Datasheet HTML 34Page - NEC UPD16680 Datasheet HTML 35Page - NEC UPD16680 Datasheet HTML 36Page - NEC UPD16680 Datasheet HTML 37Page - NEC UPD16680 Datasheet HTML 38Page - NEC UPD16680 Datasheet HTML 39Page - NEC UPD16680 Datasheet HTML 40Page - NEC UPD16680 Datasheet HTML 41Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
Data Sheet S12694EJ2V0DS00
37
µµµµPD16680
Switching characteristics (Unless otherwise specified, TA = –40 to +85
°C, VDD = 2.7 to 3.3 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Oscillation frequency
FOSC
Self-oscillation
25
32
38
kHz
Transfer delay time 1
tPHL
SCK
↓ → DATA↓
100
ns
Transfer delay time 2
tPLH
SCK
↓ → DATA↑
300
ns
Remarks 1.
The TYP. value is a reference value when TA =+25
°C.
2. The time for one frame is found from the following formula.
1 frame = 1/fosc x 8 x number of duties
(Example)
fOSC = 32 kHz, 1/53, then the result is :
1 frame = 33
µs x 8 x 53 = 13.25 ms ≅ 75.5 Hz
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com