Electronic Components Datasheet Search
  English  ▼

X  

UPD16680 Datasheet(PDF) 10 Page - NEC

Part # UPD16680
Description  1/53, 1/40 DUTY, LCD CONTROLLER/DRIVER WITH BUILT-IN RAM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16680 Datasheet(HTML) 10 Page - NEC

Back Button UPD16680 Datasheet HTML 6Page - NEC UPD16680 Datasheet HTML 7Page - NEC UPD16680 Datasheet HTML 8Page - NEC UPD16680 Datasheet HTML 9Page - NEC UPD16680 Datasheet HTML 10Page - NEC UPD16680 Datasheet HTML 11Page - NEC UPD16680 Datasheet HTML 12Page - NEC UPD16680 Datasheet HTML 13Page - NEC UPD16680 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Data Sheet S12694EJ2V0DS00
10
µµµµPD16680
5. POWER CIRCUIT
The
µPD16680 incorporate the booster circuit is switchable between 3 and 4 folds. The boosting magnitude of
internal booster circuit is selected by the capacitor connection.
The reference power circuit is switchable between internal driving circuit and external driving circuit. The method
for supplying the reference circuit selected by VEXT pin (H : External, L : Internal ).
5.1 Booster circuit
Using Internal driving circuit, to connect condenser for boosting between C1
+ and C
1
–, C
2
+ and C
2
–, C
3
+ and C
3
– , to
connect condenser between VLCD and VDD to be stable boosting voltage. And to set VEXT pin to low level, internal
booster circuit boost voltage between VDD and VSS to 3 or 4 folds.
The booster circuit is using clock made by internal oscillation circuit. It is necessary that oscillation to be operated.
C1
+, C
1
– ,C
2
+ ,C
2
– ,C
3
+ ,C
3
–, VDD are pins for booster circuit. To use the wire that have low register value to connect
these pins.
Figure 5-1 3x and 4x Booster Circuits
VDD = 3 V
VSS = 0 V
VLCD = 3VDD = 9 V
(3-fold boost)
VLCD = 4VDD = 12 V
(4-fold boost)
Remarks 1.
When to use 3-fold booster circuit, not to connect condenser between C3
+ and C
2
–, C
1
+ and C
1
–, leave
open C2
+ and C
3
–.
2. When to use external power supply circuit, booster circuit is not operating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com