Electronic Components Datasheet Search
  English  ▼

X  

UPD16835 Datasheet(PDF) 13 Page - NEC

Part # UPD16835
Description  MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16835 Datasheet(HTML) 13 Page - NEC

Back Button UPD16835 Datasheet HTML 9Page - NEC UPD16835 Datasheet HTML 10Page - NEC UPD16835 Datasheet HTML 11Page - NEC UPD16835 Datasheet HTML 12Page - NEC UPD16835 Datasheet HTML 13Page - NEC UPD16835 Datasheet HTML 14Page - NEC UPD16835 Datasheet HTML 15Page - NEC UPD16835 Datasheet HTML 16Page - NEC UPD16835 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
µPD16835
13
fOSC vs. VDD characteristics
fSTEP vs. VDD characteristics
150
140
130
120
110
100
90
23456
Control circuit supply voltage VDD (V)
6
5
4
3
2
234
Control circuit supply voltage VDD (V)
56
TA = 25
°C,
COSC = 100 pF
IM (MAX) vs. EVR characteristics
80
70
60
50
40
30
20
50
100
150
200
250
300
Reference setting voltage EVR (mV)
TA = 25
°C,
COSC = 100 pF,
DATA: all high
tON, tOFF vs. VM characteristics
500
400
300
200
100
0
468
Output circuit supply voltage VM (V)
10
12
TA = 25
°C, VM = 6 V
Rs = 6.8
Ω, fOSC = 64 kHz,
L = 25 mH/R = 100
Ω at 1 kHz
VREFVER vs. VDD characteristics
40
30
20
10
0
234
Control circuit supply voltage VDD (V)
56
TA = 25
°C,
VREF = 250 mV
TA = 25
°C,
IM = 100 mA,
CFIL: none
tON
tOFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com