Electronic Components Datasheet Search
  English  ▼

X  

UPD16835 Datasheet(PDF) 19 Page - NEC

Part # UPD16835
Description  MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16835 Datasheet(HTML) 19 Page - NEC

Back Button UPD16835 Datasheet HTML 15Page - NEC UPD16835 Datasheet HTML 16Page - NEC UPD16835 Datasheet HTML 17Page - NEC UPD16835 Datasheet HTML 18Page - NEC UPD16835 Datasheet HTML 19Page - NEC UPD16835 Datasheet HTML 20Page - NEC UPD16835 Datasheet HTML 21Page - NEC UPD16835 Datasheet HTML 22Page - NEC UPD16835 Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
µPD16835
19
<Fifth byte>
The fifth byte selects a parameter to be output to the EXTOUT pin (logic operation monitor pin). Input data to
bits D0 to D6 of this byte. Bit D7 is fixed to “0”. There are two EXTOUT pins. EXTOUT
α indicates the operating
status of
α ch, and EXTOUT β indicates that of β ch. The relationship between each bit and each EXTOUT pin
is as shown in Table 4.
Table 4. Fifth Byte Data Configuration (Initial data)
Bit
Data
EXTOUT
α
EXTOUT
β
D7
0
Not used
Not used
D6
0 or 1
ENABLE
α
ENABLE
β
D5
0 or 1
ROTATION
α
ROTATION
β
D4
0 or 1
PULSEOUT
α
PULSEOUT
β
D3
0 or 1
FF7
α
FF7
β
D2
0 or 1
FF3
α
FF3
β
D1
0 or 1
CHECKSUM
FF2
β
D0
0 or 1
CHOPPING
FF1
β
The checksum bit is cleared to “0” in the event of an error. Normally, it is “1”.
If two or more signals that output signals to EXTOUT
α and EXTOUT β are selected, they are positively ORed
for output.
The CHOPPING signal is not output in internal oscillation mode.
The meanings of the symbols listed in Table 4 are as follows:
ENABLE:
Output setting (H: Conducts, L: Stops)
ROTATION:
Rotation direction (H: Reverse (CCW), L: Forward (CW))
PULSEOUT: Output pulse signal
FF7:
Presence/absence of pulse in LATCH cycle (Outputs H level if output pulse information exists in
standard data.)
FF3:
Pulse gate (output while pulse exists)
FF2:
Outputs H level during start-up wait time + start-up drive wait time
FF1:
Outputs H level during start-up wait time
CHECKSUM: Checksum output (H: when normal data is transmitted, L: when abnormal data is transmitted)
CHOPPING: Chopping wave output (in original oscillation mode only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com