Electronic Components Datasheet Search
  English  ▼

X  

UPD16835 Datasheet(PDF) 2 Page - NEC

Part # UPD16835
Description  MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16835 Datasheet(HTML) 2 Page - NEC

  UPD16835 Datasheet HTML 1Page - NEC UPD16835 Datasheet HTML 2Page - NEC UPD16835 Datasheet HTML 3Page - NEC UPD16835 Datasheet HTML 4Page - NEC UPD16835 Datasheet HTML 5Page - NEC UPD16835 Datasheet HTML 6Page - NEC UPD16835 Datasheet HTML 7Page - NEC UPD16835 Datasheet HTML 8Page - NEC UPD16835 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
µPD16835
2
RECOMMENDED OPERATING RANGE
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply voltage
VDD
2.7
5.5
V
VM
4.8
11
V
Input voltage
VIN
0VDD
V
Reference voltage
VREF
225
250
275
mV
EXP pin input voltage
VEXPIN
VDD
V
EXP pin input current
IEXPIN
100
µA
H bridge drive current
IM (DC)
-100
+100
mA
H bridge drive current
IM (pulse)Note 1
-200
+200
mA
Clock frequency (OSCIN)fCLKNote 2
3.9
4
4.2
MHz
Clock frequency amplitude
VfCLKNote 2
0.7VDD
VDD
V
Serial clock frequency (SCLK)
fSCLK
5.0
MHz
Video sync signal width
PW (VD)Note 3
250
ns
LATCH signal wait time
t (VD-LATCH)Note 4
400
ns
SCLK wait time
t (SCLK-LATCH)Note 4
400
ns
SDATA setup time
tsetupNote 4
80
ns
SDATA hold time
tholdNote 4
80
ns
Chopping frequency
foscNote 3
32
124
kHz
Reset signal pulse width
fRST
100
µs
Operating temperature
TA
-10
+70
°C
Peak junction temperature
TCH (MAX)
125
°C
Notes 1. PW
≤ 10 ms, duty ≤ 5%
2. COSC = 33 pF, VREF = 250 mV
3. fCLK = 4 MHz
4. Serial data delay (see the figure below.)
VD
LATCH
SCLK
LATCH
SCLK
SDATA
D1
D2
D3
t (VD-LATCH)
t (SCLK-LATCH)
t (SCLK-LATCH)
tsetup thold
64 clocks (8 bits
× 8 bytes)
t (SCLK-LATCH)
Ignored because LATCH is at L level.
Ignored because LATCH is at L level.
50%
50%
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com