Electronic Components Datasheet Search
  English  ▼

X  

AN3077 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3077
Description  Safety application guide
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3077 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3077 Datasheet HTML 12Page - STMicroelectronics AN3077 Datasheet HTML 13Page - STMicroelectronics AN3077 Datasheet HTML 14Page - STMicroelectronics AN3077 Datasheet HTML 15Page - STMicroelectronics AN3077 Datasheet HTML 16Page - STMicroelectronics AN3077 Datasheet HTML 17Page - STMicroelectronics AN3077 Datasheet HTML 18Page - STMicroelectronics AN3077 Datasheet HTML 19Page - STMicroelectronics AN3077 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 82 page
background image
Functional safety requirements for application software
AN3077
16/82
DocID16384 Rev 10
probability than the original mechanism to miss corrections if several occur within a short
time.
To support the detection of dormant faults in the entire memory array and addressing logic,
and to check the integrity of the logic used for flash memory programming, the following
BISTs must be enabled by software:
●
Mandatory: Array Integrity Self Check – This BIST is based on functionality built into
the flash memory control logic. It calculates a MISR signature over the array content
and thus validates the content of the array as well as the decoder logic. The calculated
MISR value is dependent on the array content and must be validated by software.
Frequency: This check must be performed at boot time.
Note:
Rationale: To check the integrity of the flash memory array content
Note:
Implementation hint: This BIST must be started by application software; its result must be
validated by reading the corresponding registers in the flash memory controller after it has
been finished (See “Array integrity self check” section in the “Flash memory” chapter of the
Device_Number Reference Manual for detailed information about this BIST).
●
Mandatory: Write operation – When writing flash memory, the corresponding SW
driver must validate the correctness of the programming of flash memory by checking
the value of C90FL_MCR[PEG]. Furthermore, the data that was written must be read
back, then verified by SW that it compares with the intended data value.
Frequency: After every write operation or after a series of write operations
Note:
Rationale: To verify that the written data is coherent with the expected data
●
Mandatory: Flash memory ECC logic test – This BIST tests the (digital) logic within the
flash memory that is responsible for detecting and correcting faults (ECC logic) in the
read data.
Note:
Rationale: The intention of this test is to assure that correct data is not accidently modified,
and single-bit errors are correctly updated.
Reading a set of data words from flash memory and comparing it with expected values
is a software initiated function that is controlled by the application.
Frequency: Once per FTTI
Note:
Implementation hint: Section 6, ECC logic test explains how to perform flash memory data
compares with SW.
3.8
Interrupt Controller (INTC)
No specific hardware protection is provided against spurious or missing interrupt requests
caused by Electromagnetic Interface (EMI) on the interrupt lines, or bit flips in the interrupt
registers of the peripherals(c).
Mandatory: Applications that are not resilient against such errors must include detection or
protection measures.
Note:
Rationale: To manage spurious or missing interrupt requests
c.
INTC is a replicated module. No software action is needed to detect faults inside this module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com