Electronic Components Datasheet Search
  English  ▼

X  

AN3077 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN3077
Description  Safety application guide
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3077 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN3077 Datasheet HTML 23Page - STMicroelectronics AN3077 Datasheet HTML 24Page - STMicroelectronics AN3077 Datasheet HTML 25Page - STMicroelectronics AN3077 Datasheet HTML 26Page - STMicroelectronics AN3077 Datasheet HTML 27Page - STMicroelectronics AN3077 Datasheet HTML 28Page - STMicroelectronics AN3077 Datasheet HTML 29Page - STMicroelectronics AN3077 Datasheet HTML 30Page - STMicroelectronics AN3077 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 82 page
background image
DocID16384 Rev 10
27/82
AN3077
Functional safety requirements for application software
81
Note:
Rationale: To verify if the read data compares with the written data
●
GPOIRB_SWTEST_CMP
This software test is used to execute the comparison between the desired output
values and the value read back via internal read back configuration. After writing the
output value, the test must read the status of the digital input.
Note:
Rationale: To verify if the read data compares with the written data
3.13.4.1.2
Implementation details
The SIUL hardware element shall be used for the safety function. Every pad that is not
dedicated to a single function can be configured as GPIO. Pads dedicated to ADC are an
exception to this rule, as they can be configured as inputs only.
The pads shall be configured via the appropriate pad configuration registers (PCRn) in the
SIUL module.
3.13.4.2
Double Write Digital Outputs
The SIUL is used to perform a Double Write Digital Output.
Mandatory: The SIUL must be configured to correctly define the configuration of the output
pads used. The software must perform a double write.
Note:
Rationale: To configure pads used by this safety function
Mandatory: To guarantee the integrity of the two output channels, the application shall test
the SIUL configuration implementing the SIUL_SWTEST_REGCRC.
Note:
Rationale: To avoid a CCF caused by incorrect configuration of the pads
Mandatory: The application must implement the double output write as defined by the
GPODW_SWAPP_WRITE.
Note:
Rationale: To write a digital output by exploiting redundancy
Table 6. Software BIST and/or test
Software BIST or test
Frequency
SIUL_SWTEST_REGCRC
Once after programming
GPOERB_SWTEST_CMP
Once every write
GPOIRB_SWTEST_CMP
Once every write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com