Electronic Components Datasheet Search
  English  ▼

X  

AN3077 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3077
Description  Safety application guide
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3077 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3077 Datasheet HTML 15Page - STMicroelectronics AN3077 Datasheet HTML 16Page - STMicroelectronics AN3077 Datasheet HTML 17Page - STMicroelectronics AN3077 Datasheet HTML 18Page - STMicroelectronics AN3077 Datasheet HTML 19Page - STMicroelectronics AN3077 Datasheet HTML 20Page - STMicroelectronics AN3077 Datasheet HTML 21Page - STMicroelectronics AN3077 Datasheet HTML 22Page - STMicroelectronics AN3077 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 82 page
background image
DocID16384 Rev 10
19/82
AN3077
Functional safety requirements for application software
81
3.13.1.1
Double Read Digital Inputs
3.13.1.1.1
Hardware elements
Double read operation of a digital input is implemented by two general purpose inputs (GPI)
of the SIUL unit. SIUL must be configured to allow an input signal to be read from it’s
assigned pad. To minimize CCFs, the two input pads must not be physically adjacent (see
Section 7, I/O pin/ball configuration for details).
3.13.1.1.2
Safety Integrity Functions
Mandatory: Safety integrity is achieved by replicated reading and software comparison by
the processing function. The application shall implement the following tests:
●
SIUL_SWTEST_REGCRC
Note:
Rationale: To verify that the configuration of the two pads used corresponds with the
expected configuration, and to avoid a CCF caused by incorrectly configured pads
●
GPI_SWTEST_CMP
Note:
Rationale: To verify that the two input values compare
Figure 1. Double Read Digital Input
3.13.1.1.3
Software test implementation
●
SIUL_SWTEST_REGCRC
The SIUL configuration registers are read, then a CRC is calculated. The CRC
calculation is compared to the expected CRC value.
SIUL
I
Digital In Double
Read Configuration
I
GPI[y]
GPI[x]
I
= Input Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com