Electronic Components Datasheet Search
  English  ▼

X  

AN2031 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2031
Description  EVALUATION BOARD DESCRIPTION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2031 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2031 Datasheet HTML 3Page - STMicroelectronics AN2031 Datasheet HTML 4Page - STMicroelectronics AN2031 Datasheet HTML 5Page - STMicroelectronics AN2031 Datasheet HTML 6Page - STMicroelectronics AN2031 Datasheet HTML 7Page - STMicroelectronics AN2031 Datasheet HTML 8Page - STMicroelectronics AN2031 Datasheet HTML 9Page - STMicroelectronics AN2031 Datasheet HTML 10Page - STMicroelectronics AN2031 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7/12
AN2031 APPLICATION NOTE
Figure 8. STA308A Section
2V5
3V3
PWM2B
2V5
TP12
PWM1B
C34
100n
C33
100n
3V3
3V3
3V3
C41
100n
PWDN
2V5
2V5
2V5
SCL
C35
100n
C26
100n
C29
100n
BICKI SPDIF
JP6
JUMPER SOLDER
2
C38
100n
3A3
PWR PLL
PWR PLL
C30
100n
SDA
3V3
C40
100p
RESET
3V3
C25
100n
C37
100n
DATA SPDIF
EAPD
NUOVO
C36
100n
2A5
XTI SPDIF
3V3
C28
100n
TP11
PWM1A
U5
STA308
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
MVO
TEST_MODE
Vdd3
GND
Vdd
SDI_78
SDI_56
SDI_34
SDI_12
LRCKI
BICKI
Vdd3
GND
Vdd
RESET
PLL_BYPASS
OUT6B
OUT6A
Vdd3
GND
Vdd
OUT5B
OUT5A
OUT4B
OUT4A
OUT3B
OUT3A
Vdd3
GND
Vdd
OUT2B
OUT2A
C27
100n
PWM2A
LRCKI SPDIF
C32
100n
C39
100n
3V3
C42
1n
C31
100n
R13
3.3K
2V5
2V5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com