Electronic Components Datasheet Search
  English  ▼

X  

AN2031 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2031
Description  EVALUATION BOARD DESCRIPTION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2031 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2031 Datasheet HTML 1Page - STMicroelectronics AN2031 Datasheet HTML 2Page - STMicroelectronics AN2031 Datasheet HTML 3Page - STMicroelectronics AN2031 Datasheet HTML 4Page - STMicroelectronics AN2031 Datasheet HTML 5Page - STMicroelectronics AN2031 Datasheet HTML 6Page - STMicroelectronics AN2031 Datasheet HTML 7Page - STMicroelectronics AN2031 Datasheet HTML 8Page - STMicroelectronics AN2031 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
AN2031 APPLICATION NOTE
3 CONFIGURE STA308A-508//-EVB WITH LPT INTERFACE
1) Plug the LPT Interface on the board utilizing J3 of STA308A-508//-EVB and J2 of LPT Interface;
2) Connect PC parallel port to the LPT board using a parallel cable;
3) Select S/PDIF Input mode (electric or optical) with JP5;
4) Connect logic supply (+5V) on J1 and power supply [10V..35V] on J2;
5) Connect output load on J6;
6) 6Turn on the board;
7) Run STA308A-508PControlPanel.exe on the PC.
3.1 Configuring GUI Software:
1) Go to "Registers" page on GUI.
2) Click "AutoFind LPT" button. It appears the number of LPT port (0x278 or 0x378);
3) Click "Reset" button
4) Click "Power Up" button
5) Click "Test Board I/O". If "passed" it is OK. If "failed", then perform manual board-reset by press-
ing SW1 button and try again. If still "failed" then make sure connections are OK.
6) Go to "Control" page on GUI.
7) Click "Ext Amp Power Up" to enable the output power.
8) Increase "ALL" master volume control.
4 PERFORMANCES
4.1 THD+Noise Ratio versus Output Power at different input power supply Input
frequency: 1KHz; Output load: 4
Ω;
Blue: 15V; Cyan: 20V; Green: 25V; Yellow: 30V; Red: 35V; Magenta: 37V
Figure 1. Audio Precision
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
10m
200
20m
50m
100m 200m
500m
1
2
5
10
20
50
100
W
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
10m
200
20m
50m
100m 200m
500m
1
2
5
10
20
50
100
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com