Electronic Components Datasheet Search
  English  ▼

X  

AN2031 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2031
Description  EVALUATION BOARD DESCRIPTION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2031 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2031 Datasheet HTML 1Page - STMicroelectronics AN2031 Datasheet HTML 2Page - STMicroelectronics AN2031 Datasheet HTML 3Page - STMicroelectronics AN2031 Datasheet HTML 4Page - STMicroelectronics AN2031 Datasheet HTML 5Page - STMicroelectronics AN2031 Datasheet HTML 6Page - STMicroelectronics AN2031 Datasheet HTML 7Page - STMicroelectronics AN2031 Datasheet HTML 8Page - STMicroelectronics AN2031 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5/12
AN2031 APPLICATION NOTE
4.4 THD+Noise Ratio versus frequency at different output power Input power supply:
25V; Output load: 4
Ω;
Blue: 0dB; Cyan: -10dB; Green: -20dB;
Figure 4. Audio Precision
5 SCHEMATIC AND LAYOUT
5.1 Schematic
Figure 5. Power Section
0.01
1
0.02
0.05
0.1
0.2
0.5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
0.01
1
0.02
0.05
0.1
0.2
0.5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
2A5
C6
100n
5V
L5
FERRITE
D1
3A3
Vcc
L2
LCL
J1
+5V
2
1
GND
Logic
+
C3
330u 10V
R1
10K
L4
FERRITE
+
C8
10u 50V
C14
100n
+
C2
100u 10V
C7
100n
+
C4
10u 10V
JP3
2V5
+
C13
10u 10V
R3
9.1K
J2
+30V
1
2
Pwr
GND
JP2
2A5
C9
220n 50V
JP1
5V SEL
3
1
2
Int
Ext
Sel
U1
L4971D
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
C15
100n
C16
100n
Vicino all'STA308
2V5
C12
22n
U2
LD1086DT33
2
3
OUT
IN
C5
100n
U3
LD1086DT25
2
3
OUT
IN
C10
100n
C1
100n
R2
2.7K
L3
FERRITE
JP4
C11
2.2n
R4
4.7K
L6
FERRITE
L1 220u
3V3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com