Electronic Components Datasheet Search
  English  ▼

X  

AN2031 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2031
Description  EVALUATION BOARD DESCRIPTION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2031 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2031 Datasheet HTML 1Page - STMicroelectronics AN2031 Datasheet HTML 2Page - STMicroelectronics AN2031 Datasheet HTML 3Page - STMicroelectronics AN2031 Datasheet HTML 4Page - STMicroelectronics AN2031 Datasheet HTML 5Page - STMicroelectronics AN2031 Datasheet HTML 6Page - STMicroelectronics AN2031 Datasheet HTML 7Page - STMicroelectronics AN2031 Datasheet HTML 8Page - STMicroelectronics AN2031 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AN2031 APPLICATION NOTE
4/12
4.2 THD+Noise Ratio versus Output Power at different input power supply Input
frequency: 1KHz; Output load: 2.67
Ω;
Blue: 15V; Cyan: 20V; Green: 25V; Yellow: 30V; Red: 35V; Magenta: 37V
Figure 2. Audio Precision
4.3 THD+Noise Ratio versus Output Power at different input power supply Input
frequency: 1KHz; Output load: 2
Ω;
Blue: 15V; Cyan: 20V; Green: 25V; Yellow: 30V; Red: 35V; Magenta: 37V
Figure 3. Audio Precision
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
10m
300
20m
50m
100m 200m
500m
1
2
5
10
20
50
100
W
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
10m
300
20m
50m
100m 200m
500m
1
2
5
10
20
50
100
W
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
100m
300
200m
500m
1
2
5
10
20
50
100
W
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
100m
300
200m
500m
1
2
5
10
20
50
100
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com