Electronic Components Datasheet Search
  English  ▼

X  

AN2474 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN2474
Description  TS4995 1.2W fully differential audio power amplifier with selectable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2474 Datasheet(HTML) 2 Page - STMicroelectronics

  AN2474 Datasheet HTML 1Page - STMicroelectronics AN2474 Datasheet HTML 2Page - STMicroelectronics AN2474 Datasheet HTML 3Page - STMicroelectronics AN2474 Datasheet HTML 4Page - STMicroelectronics AN2474 Datasheet HTML 5Page - STMicroelectronics AN2474 Datasheet HTML 6Page - STMicroelectronics AN2474 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Typical application
AN2474
2/7
1
Typical application
Figure 1.
Typical application for the TS4995 audio amplifier
P1
Vin-
P2
Vin+
Cs1
1uF
VCC
Cin1
330nF
Cin2
330nF
Cbypass1
1uF
VCC
+
3
1
8
7
5
Vin-
Vin+
STDBY
Vo-
Vo+
BIAS
STBY
BYP ASS
STDBY MODE
TS4995
TS4995 Fl ipChip
8 Ohms
Opti onal



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com