Electronic Components Datasheet Search
  English  ▼

X  

AN2474 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2474
Description  TS4995 1.2W fully differential audio power amplifier with selectable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2474 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2474 Datasheet HTML 1Page - STMicroelectronics AN2474 Datasheet HTML 2Page - STMicroelectronics AN2474 Datasheet HTML 3Page - STMicroelectronics AN2474 Datasheet HTML 4Page - STMicroelectronics AN2474 Datasheet HTML 5Page - STMicroelectronics AN2474 Datasheet HTML 6Page - STMicroelectronics AN2474 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AN2474
Description of the evaluation board
3/7
2
Description of the evaluation board
The DEMO TS4995 is an evaluation board designed to help you evaluate the TS4995 low
power differential audio amplifier.
This section explains how to evaluate the amplifier in a typical application configuration.
Using the board, you can:
●
set the amplifier in standby/operation mode,
●
select standby mode (active low or active high),
●
modify the input configuration from capacitor coupled to common mode feedback.
The Cn4 connector is used to select between standby or operation mode; and the Cn5
connector is used for standby to select between active low or active high. For example, in
Figure 2, the jumper that connects pin 2 and pin 3 of the Cn4 connector puts the device in
standby mode, while the jumper that connects pin1 and pin 2 of the Cn5 connector
determines that the standby is active high.
When the amplifier is used in common mode feedback input configuration, the input
capacitors are shorted by placing jumpers on connectors Cn2 and Cn3.
Figure 2.
Evaluation board schematic diagram
+
5
3
2
13
9
Vin-
Vin+
STBY
Vo-
Vo+
BIAS
STBY
BYPA SS
STBY MODE
TS4995
U1
1
2
JP2
1
2
330nF
Cin1
1
2
330nF
Cin2
1uF
Cb
1uF
Cs
1
2
3
Cn4
1
2
3
Cn5
Cn1
1
2
3
4
JP1
Cn2
Cn3
VCC
VCC
VCC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com