Electronic Components Datasheet Search
  English  ▼

X  

AN2474 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2474
Description  TS4995 1.2W fully differential audio power amplifier with selectable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2474 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2474 Datasheet HTML 1Page - STMicroelectronics AN2474 Datasheet HTML 2Page - STMicroelectronics AN2474 Datasheet HTML 3Page - STMicroelectronics AN2474 Datasheet HTML 4Page - STMicroelectronics AN2474 Datasheet HTML 5Page - STMicroelectronics AN2474 Datasheet HTML 6Page - STMicroelectronics AN2474 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Description of the evaluation board
AN2474
4/7
Figure 3.
TS4995 flip-chip adapter
Table 1.
Evaluation board bill of materials
Designation
Quantity
Description
U1
1
DIP14 socket with plugged flipchip to DIP adapter with the
TS4995 audio amplifier
C1, C2
2
330nF/63V, ceramic capacitors
Cb, Cs
2
1
μF/50V, electrolytic capacitor
---
2
Jumper, 2.54mm pitch (placed on Cn4 and Cn5 connectors)
Cn1, Cn2, Cn3
1
2 pins header, 2.54mm pitch
Cn4, Cn5
2
3 pins header, 2.54mm pitch
JP1
1
4 pins header, 2.54mm pitch
JP2
1
2 pins header, 2.54mm pitch



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com