Electronic Components Datasheet Search
  English  ▼

X  

AN2474 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2474
Description  TS4995 1.2W fully differential audio power amplifier with selectable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2474 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2474 Datasheet HTML 1Page - STMicroelectronics AN2474 Datasheet HTML 2Page - STMicroelectronics AN2474 Datasheet HTML 3Page - STMicroelectronics AN2474 Datasheet HTML 4Page - STMicroelectronics AN2474 Datasheet HTML 5Page - STMicroelectronics AN2474 Datasheet HTML 6Page - STMicroelectronics AN2474 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AN2474
Evaluation board connectors
5/7
3
Evaluation board connectors
Caution:
When you apply the power supply through Cn1, DO NOT invert the polarity because it would
destroy the amplifier at U1.
Connector(s)
Description
Cn1
Power connector (VCC, GND). Power supply voltage from 2.5V to 5.5V.
Cn2
Connector used to short-circuit input capacitor Cin1 by placing jumper on it when
the amplifier is used with common mode feedback input.
Cn3
Connector used to short-circuit input capacitor Cin2 by placing jumper on it when
the amplifier is used with common mode feedback input.
Cn4
Standby control connector (GND, Standby, VCC).
Cn5
Standby mode control connector (VCC, Standby, GND). Allows you to select
standby mode active high or low.
JP1
Input signal connector (Vin-, Vin+ , 2 x GND).
JP2
Output signal connector (Vo-, Vo+).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com