Electronic Components Datasheet Search
  English  ▼

X  

AN3018 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3018
Description  Developing self tests for SPC564Ax
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3018 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3018 Datasheet HTML 13Page - STMicroelectronics AN3018 Datasheet HTML 14Page - STMicroelectronics AN3018 Datasheet HTML 15Page - STMicroelectronics AN3018 Datasheet HTML 16Page - STMicroelectronics AN3018 Datasheet HTML 17Page - STMicroelectronics AN3018 Datasheet HTML 18Page - STMicroelectronics AN3018 Datasheet HTML 19Page - STMicroelectronics AN3018 Datasheet HTML 20Page - STMicroelectronics AN3018 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AN3018
Self tests for SPC564Ax digital peripherals
Doc ID 16081 Rev 2
17/24
4.7.1
Interrupt controller logic check
Principle: the interrupt controller has a register to store the base address of the interrupt
vectors. The interrupt controller logic can be checked by defining a specific interrupt table for
the self tests. Software configurable interrupt sources can then be used to generate an
interrupt request. Nesting and priority management can be checked by enabling those
software configurable sources during selected interrupt routines.
Result: self test software dependent.
Resource availability: the interrupt controller is not available during this test.
Note:
As interrupt controller is checked using software based tests, more complex self tests can
be generated if required.
4.8
FlexCAN self tests
FlexCAN module has a loop back mode. This mode can be used to implement a self test.
This test will exercise the protocol engine of the FlexCAN.
4.8.1
FlexCAN check
Principle: use the loop back mode of FlexCAN module to send and receive data without
sending it over the CAN network.
Result: transmitted message is received by FlexCAN and the content of the message
(message ID, message payload) can be compared to known value(s).
Resource availability: FlexCAN is not available during this test.
4.9
eSCI self tests
A loop back mode is available.
4.9.1
eSCI loop back
Principle: eSCI can be put in loop back mode by setting bit “LOOPS” and clearing bit
“RSRC” of register SCICR1. In loop back mode, the eSCI treats its own transmitted
messages as received messages.
Result: transmitted message is received by eSCI and the content of the message can be
compared to known value(s).
Resource availability: eSCI is not available during this test.
4.10
eMIOS self tests
eMIOS module generates real time input output events, such as, counting, capture,
compare. This module can be checked using the eTPU.
4.10.1
eMIOS check
Principle: use the eTPU to capture the characteristics of some eMIOS channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com