Electronic Components Datasheet Search
  English  ▼

X  

AN3018 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3018
Description  Developing self tests for SPC564Ax
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3018 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3018 Datasheet HTML 15Page - STMicroelectronics AN3018 Datasheet HTML 16Page - STMicroelectronics AN3018 Datasheet HTML 17Page - STMicroelectronics AN3018 Datasheet HTML 18Page - STMicroelectronics AN3018 Datasheet HTML 19Page - STMicroelectronics AN3018 Datasheet HTML 20Page - STMicroelectronics AN3018 Datasheet HTML 21Page - STMicroelectronics AN3018 Datasheet HTML 22Page - STMicroelectronics AN3018 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AN3018
Self tests for SPC564Ax digital peripherals
Doc ID 16081 Rev 2
19/24
4.13
Summary for digital peripherals
The table below summarizes the self tests for digital peripherals.
Table 1.
Self tests for digital peripherals
Module
Self test
Comments
CPU core
Use software based tests.
CRC unit can be used to
accelerate result verification.
eTPU core
Use software based tests.
-
Flash
Flash integrity test.
Flash ECC logic verification.
Flash address decoder.
Flash margin mode.
-
RAM
RAM dormant fault test.
RAM ECC logic verification.
RAM address decode.
-
Interrupt
controller
Use an alternate vector table for interrupt
controller self tests.
-
Peripheral
configuration
Use DMA and CRC unit to compute a signature
on all initialized registers.
Use DMA and CRC unit to compute a signature
on registers with static configuration.
-
DMA
Explicit test on registers.
Implicit test if peripheral configuration self test is
implemented.
-
CRC
Explicit test on registers.
Implicit test if peripheral configuration self test is
implemented.
-
Crossbar
Implicit test if Flash, RAM and peripheral
configuration checks are implemented.
-
MPU
Explicit test on register and functional tests.
-
Peripheral bridge
Implicit test if peripheral configuration self test is
implemented.
-
eMIOS
Use eTPU to capture signal from eMIOS.
-
ADC logic
Use eQADC time stamping to capture effective
time of conversions.
-
FlexCAN
Loop back.
-
eSCI
Loop back.
-
Decimation filter
Use CPU instead of eQADC as source for
operands.
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com