Electronic Components Datasheet Search
  English  ▼

X  

AN3018 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3018
Description  Developing self tests for SPC564Ax
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3018 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3018 Datasheet HTML 16Page - STMicroelectronics AN3018 Datasheet HTML 17Page - STMicroelectronics AN3018 Datasheet HTML 18Page - STMicroelectronics AN3018 Datasheet HTML 19Page - STMicroelectronics AN3018 Datasheet HTML 20Page - STMicroelectronics AN3018 Datasheet HTML 21Page - STMicroelectronics AN3018 Datasheet HTML 22Page - STMicroelectronics AN3018 Datasheet HTML 23Page - STMicroelectronics AN3018 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Self tests for SPC564Ax analog peripherals
AN3018
20/24
Doc ID 16081 Rev 2
5
Self tests for SPC564Ax analog peripherals
5.1
Oscillator self tests
The oscillator of each SPC564Ax variant can be checked with the clock quality monitor.
5.1.1
Oscillator check
Principle: use the clock quality monitor to check the crystal clock.
Result: use status bit in clock monitor to detect a loss of clock (or use interrupt).
Resource availability: the crystal clock is available during this test.
5.2
FMPLL self tests
SPC564Ax devices have 1 FMPLL.
5.2.1
FMPLL check
Principle: use the clock quality monitor to check the FMPLL.
Result: use status bit in clock monitor to detect a loss of lock (or use interrupt).
Resource availability: the FMPLL is available during this test.
5.3
eQADC self tests
SPC564Ax devices have two ADCs with their own logic, which share the same analog
supply and reference.
5.3.1
eQADC internal reference check
Principle: SPC564Ax analog multiplexers have several internal signals available for self
tests: internal bandgap, VREF/2, VREF/4, 3/4 x VREF.
Result: obtained by checking the ADC conversion result.
Resource availability: the ADC is available during this test.
5.3.2
Analog input and ADC mux check
Principle: each eQADC has its own independent analog mux. Use the two ADCs to convert
the same analog input.
Result: obtained by checking the ADC conversion result from each ADC.
Resource availability: excluding the time needed for conversion, ADC are available during
this test.
5.3.3
Analog input and ADC mux check
Principle: fault (open, short) in the ADC analog input of the differential inputs and ADC mux
can be detected by using the pull up and pull down integrated in the eQADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com