Electronic Components Datasheet Search
  English  ▼

X  

AN3316 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3316
Description  SPC560B power and mode management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3316 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3316 Datasheet HTML 4Page - STMicroelectronics AN3316 Datasheet HTML 5Page - STMicroelectronics AN3316 Datasheet HTML 6Page - STMicroelectronics AN3316 Datasheet HTML 7Page - STMicroelectronics AN3316 Datasheet HTML 8Page - STMicroelectronics AN3316 Datasheet HTML 9Page - STMicroelectronics AN3316 Datasheet HTML 10Page - STMicroelectronics AN3316 Datasheet HTML 11Page - STMicroelectronics AN3316 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Power consumption factors
AN3316
8/42
Doc ID 18232 Rev 2
Notice that Power Domains shown on Figure 3 are related to SPC560B54/6x, where:
●
Power Domain PD0:
–always on
–
wakeup peripheries like the CAN sampler, the RTC, API, etc.
–
minimum RAM segment (8 K)
●
Power Domain PD1:
–
contains all cores and the majority of peripherals
–
can be turned off in STOP or STANDBY modes
–
must be turned on in RUN modes (although there is a clock gating option for all
peripherals and also a WAIT instruction for the cores to reduce power)
●
Power Domain PD2:
–
additional RAM segment (24 K)
●
Power Domain PD3:
–
additional RAM segment (64 K)
–
not supplied in standby mode, but implemented to use it in other LP-modes to
reduce leakage
On the other hand, to minimize static power contribution on application side, user should
●
Turn-off CPU when possible, using the following autonomous "smart" peripherals:
–
API — Autonomous Periodic Interrupt that allows device to recover from very low
power state at selected time intervals
–
RTC — Real Time Clock that offers precision time keeping functionality in very low
power state
–
ADC — Analog Digital Converter with continuous conversion while running in low
power and triggering wake-up when signal reaches certain level
–
DMA — Direct Memory Access that allows data transfer between peripherals
minimising CPU activity
–
SCI — Intelligent LIN management that minimizes CPU interrupts and CPU clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com