Electronic Components Datasheet Search
  English  ▼

X  

AN3316 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN3316
Description  SPC560B power and mode management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3316 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN3316 Datasheet HTML 30Page - STMicroelectronics AN3316 Datasheet HTML 31Page - STMicroelectronics AN3316 Datasheet HTML 32Page - STMicroelectronics AN3316 Datasheet HTML 33Page - STMicroelectronics AN3316 Datasheet HTML 34Page - STMicroelectronics AN3316 Datasheet HTML 35Page - STMicroelectronics AN3316 Datasheet HTML 36Page - STMicroelectronics AN3316 Datasheet HTML 37Page - STMicroelectronics AN3316 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
Consumption tables
AN3316
34/42
Doc ID 18232 Rev 2
3
Consumption tables
The target is to show the consumption of Running and Low Power modes for different
configurations. These values should be based on Bol1.5M cut2.0 measurements.
3.1
Running mode
This table shows modules consumption contributions in running mode with following
features:
●
Code: continuous data transfer from Flash to RAM
●
fsys = system clock (MHz)
●
code executing from Flash
●
all peripherals gated
Where PDO = Power Domain 0
In this way, it is possible to calculate the total consumption related to a specific configuration
easily.
As an example, consider following configuration at fsys = 16 MHz:
Table 8.
RUN0 mode consumption table
IP
Conso (mA)
RUN0
mode
FIRC-16MHz
0.6
FOSC-8MHz
1.78
PLL
0.0303 * fsys
CFLASH
Low Power
Normal
0.89
7.22
DFLASH
Low Power
Normal
0.6
4.29
MVREG
1.06
Platform + PD0
0.4434 * fsys + 0.7765



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com