Electronic Components Datasheet Search
  English  ▼

X  

AN3316 Datasheet(PDF) 38 Page - STMicroelectronics

Part # AN3316
Description  SPC560B power and mode management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3316 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button AN3316 Datasheet HTML 34Page - STMicroelectronics AN3316 Datasheet HTML 35Page - STMicroelectronics AN3316 Datasheet HTML 36Page - STMicroelectronics AN3316 Datasheet HTML 37Page - STMicroelectronics AN3316 Datasheet HTML 38Page - STMicroelectronics AN3316 Datasheet HTML 39Page - STMicroelectronics AN3316 Datasheet HTML 40Page - STMicroelectronics AN3316 Datasheet HTML 41Page - STMicroelectronics AN3316 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
Consumption tables
AN3316
38/42
Doc ID 18232 Rev 2
3.2.3
STANDBY consumption
This table shows modules consumption contributions in STANDBY mode:
So, the STANDBY lowest consumption is 21 µA obtained with following configuration:
–
PD0 conso = 0.2 mA
–
FIRC,SIRC,SRAM-24K off
On the other hand, maximum consumption (FIRC,SIRC,SRAM-24K on) is 314.8 µA.
3.3
Peripherals
In order to evaluate peripheral consumption contributions measured on ballast voltage
(IDD_BV), following table can be used that provides for all the main device peripherals,
either dynamic or static consumption.
2.
Consumption of Power Domain 1 that depends on the system clock (divided or not) provided to the
peripherals
Table 14.
STANDBY mode consumption table
IP
conso (
A)
FIRC-16MHz
290
FOSC-8MHz
OFF (not config)
PLL
OFF (not config)
CFLASH
Power Down (not config)
DFLASH
Power Down (not config)
MVREG
OFF (not config)
Power-Down output
ON (not config)
PD0(1)
1.
Core/Platform + Power Domain 0 (always on consumption
21 (not config)
PD1(2)
2.
Consumption of Power Domain 1 that depends on the system clock (divided or not) provided to the
peripherals
OFF (not config)
SIRC-128KHz
3
SRAM-24KB
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com