Electronic Components Datasheet Search
  English  ▼

X  

AN3316 Datasheet(PDF) 36 Page - STMicroelectronics

Part # AN3316
Description  SPC560B power and mode management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3316 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button AN3316 Datasheet HTML 32Page - STMicroelectronics AN3316 Datasheet HTML 33Page - STMicroelectronics AN3316 Datasheet HTML 34Page - STMicroelectronics AN3316 Datasheet HTML 35Page - STMicroelectronics AN3316 Datasheet HTML 36Page - STMicroelectronics AN3316 Datasheet HTML 37Page - STMicroelectronics AN3316 Datasheet HTML 38Page - STMicroelectronics AN3316 Datasheet HTML 39Page - STMicroelectronics AN3316 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
Consumption tables
AN3316
36/42
Doc ID 18232 Rev 2
So, the HALT lowest consumption is 1.21 mA obtained with following configuration:
–
FIRC on
 0.6 mA
–
sysclk = FIRC/32
 PD0 conso = 0.0668 * 0.5 + 0.5791
–
all others modules/peripherals off
As an example, consider following HALT mode configuration with fsys = 64 MHz and all
peripherals clocked at 32 MHz
3.2.2
STOP consumption
This table shows modules consumption contributions in STOP mode:
Table 11.
HALT mode consumption example
IP
Status
Formula(mA)
Conso(mA)
FIRC-16MHz
On
0.6
0.6
FOSC-6MHz
On
1.78
1.78
PLL
On
0.0303 * fsys
1.9392
CFLASH
Normal
Low Power
Normal
7.22
0.89
7.22
DFLASH
Power Down
Low Power
Normal
0
0.6
4.29
MVREG
On
1.06
1.06
PD0(1) (always on)
1.
Core/Platform + Power Domain 0 (always On) consumption
On
mA = 0.0668*64 + 0.5791
4.8543
PDI(2)
2.
Consumption of Power Domain 1 that depends on the system clock (divided or not) provided to the
pheripherals
On
mA = 0.2092*32 + 0.077
6.7714
Total conso evaluated
25.2249
Total conso measured
25.41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com