Electronic Components Datasheet Search
  English  ▼

X  

UM1627 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM1627
Description  Standard software driver for C90LC Flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1627 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM1627 Datasheet HTML 8Page - STMicroelectronics UM1627 Datasheet HTML 9Page - STMicroelectronics UM1627 Datasheet HTML 10Page - STMicroelectronics UM1627 Datasheet HTML 11Page - STMicroelectronics UM1627 Datasheet HTML 12Page - STMicroelectronics UM1627 Datasheet HTML 13Page - STMicroelectronics UM1627 Datasheet HTML 14Page - STMicroelectronics UM1627 Datasheet HTML 15Page - STMicroelectronics UM1627 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
API specification
UM1627
12/38
DocID024497 Rev 2
If the selected main array blocks or the shadow row is locked for erasing, those blocks or
the shadow row are not erased, but ‘FlashErase()’ still returns C90FL_OK. User needs to
check the erasing result with the ‘BlankCheck()’ function.
It is impossible to erase any Flash block or shadow row when a program or erase operation
is already in progress on C90LC module. ‘FlashErase()’ returns C90FL_ERROR_BUSY
when trying to do so. Similarly, once an erasing operation has started on C90LC module, it
is impossible to run another program or erase operation.
In addition, when ‘FlashErase()’ is running, it is unsafe to read the data from the Flash
module having one or more blocks being erased. Otherwise, it causes a Read-While-Write
error.
Assumptions
It assumes that the Flash block is initialized using a ‘FlashInit()’ API.
2.6.3
BlankCheck()
Description
This function checks on the specified Flash range in the main array or shadow row for blank
state. If the blank checking fails, the first failing address and the failing data in Flash block
are saved.
Prototype
UINT32 BlankCheck (PSSD_CONFIG pSSDConfig,
UINT32 dest,
UINT32 size,
UINT32 * pFailAddress,
UINT64 *pFailData,
void (*CallBack) (void ));
Table 11. Bit allocation for blocks in middle address space
MSB
LSB
bit 31
…
bit 4
bit 3
bit 2
bit 1
bit 0
reserved
…
reserved
reserved
reserved
block 1
block 0
Table 12. Bit allocation for blocks in high address space
MSB
LSB
bit 31
…
bit 6
bit 5
bit 4
…
bit 1
bit 0
reserved
…
reserved
block 5
block 4
…
Block 1
Block 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com