Electronic Components Datasheet Search
  English  ▼

X  

UM1627 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM1627
Description  Standard software driver for C90LC Flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1627 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM1627 Datasheet HTML 21Page - STMicroelectronics UM1627 Datasheet HTML 22Page - STMicroelectronics UM1627 Datasheet HTML 23Page - STMicroelectronics UM1627 Datasheet HTML 24Page - STMicroelectronics UM1627 Datasheet HTML 25Page - STMicroelectronics UM1627 Datasheet HTML 26Page - STMicroelectronics UM1627 Datasheet HTML 27Page - STMicroelectronics UM1627 Datasheet HTML 28Page - STMicroelectronics UM1627 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
DocID024497 Rev 2
25/38
UM1627
API specification
2.6.10
SetLock()
Description
This function sets the block lock state for Shadow/Low/Middle/High address space on the
C90LC module to protect them from program/erase. The API provides password to enable
block lock register writes when needed and write the block lock value to block lock register
for the requested address space.
Prototype
UINT32 SetLock (PSSD_CONFIG pSSDConfig,
UINT8 blkLockIndicator,
UINT32 blkLockState,
UINT32 password);
Arguments
Return values
Table 40. Arguments for SetLock()
Argument
Description
Range
pSSDConfig
Pointer to the SSD
Configuration Structure.
The values in this structure are chip-dependent.
Please refer to Section 2.3 for more details.
blkLockIndicator
Indicating the address
space and the protection
level of the block lock
register to be read.
Refer to Table 35 for valid codes for this parameter.
blkLockState
The block locks to be set to
the specified address
space and protection level.
Bit mapped value indicating the lock status of the
specified protection level and address space.
1: The block is locked from program/erase.
0: The block is ready for program/erase
password
A password is required to
enable the block lock
register for register write.
Correct passwords for block lock registers are
0xA1A1_1111 for Low/Mid Address Space Block
Locking Register, 0xC3C3_3333 for Secondary
Low/Mid Address Space Block Locking Register,
and 0xB2B2_2222 for High Address Space Block
Select Register.
Table 41. Return values for SetLock()
Type
Description
Possible values
UINT32
Successful completion or error value.
C90FL_OK
C90FL_ERROR_LOCK_INDICATOR
C90FL_ERROR_PASSWORD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com