| Electronic Components Datasheet Search |
|
UM1627 Datasheet(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1627 Datasheet(HTML) 24 Page - STMicroelectronics |
|
24 / 38 page ![]() API specification UM1627 24/38 DocID024497 Rev 2 determines the final lock status for that block. For high address space there is only one block lock level. The output parameter blkLockState returns a bit-mapped value indicating the block lock status of the specified locking level and address space. A main array block or shadow row is locked from program/erase if its corresponding bit is set. The indicated address space determines the valid bits of blkLockState. For either Low/Mid/High address spaces, if blocks corresponding to valid block lock state bits are not present (due to configuration or total memory size), values for these block lock state bits are always 1 because such blocks are locked by hardware on reset. These blocks cannot be unlocked by software with ‘SetLock()’ function. The following diagrams give an example of the block bitmap definitions of blkLockState for shadow/Low/Mid/High address spaces. Refer to Appendix C: Documentation references for the valid bits configuration depending from the specific microcontroller Flash module sectors. Assumptions It assumes that the Flash block is initialized using a ‘FlashInit()’ API. Table 36. blkLockState bit allocation for shadow address space MSB LSB bit 31 … bit 1 bit 0 reserved … reserved shadow row Table 37. blkLockState bit allocation for low address space MSB LSB bit 31 … bit 10 bit 9 bit 8 … bit 1 bit 0 reserved … reserved block 9 block 8 … block 1 block 0 Table 38. blkLockState bit allocation for mid address space MSB LSB bit 31 … bit 4 bit 3 bit 2 bit 1 bit 0 reserved … reserved reserved reserved block 1 block 0 Table 39. blkLockState bit allocation for high address space MSB LSB bit 31 … bit 6 bit 5 bit 4 … bit 1 bit 0 reserved … reserved block 5 block 4 … block 1 block 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |