Electronic Components Datasheet Search
  English  ▼

X  

UM1627 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1627
Description  Standard software driver for C90LC Flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1627 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1627 Datasheet HTML 10Page - STMicroelectronics UM1627 Datasheet HTML 11Page - STMicroelectronics UM1627 Datasheet HTML 12Page - STMicroelectronics UM1627 Datasheet HTML 13Page - STMicroelectronics UM1627 Datasheet HTML 14Page - STMicroelectronics UM1627 Datasheet HTML 15Page - STMicroelectronics UM1627 Datasheet HTML 16Page - STMicroelectronics UM1627 Datasheet HTML 17Page - STMicroelectronics UM1627 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
API specification
UM1627
14/38
DocID024497 Rev 2
Comments
If the blank checking fails, the first failing address is saved to *pFailAddress, and
the failing data in Flash is saved to *pFailData. The contents pointed by
pFailAddress and pFailData are updated only when there is a non-blank location in
the checked Flash range.
Assumptions
It assumes that the Flash block is initialized using a ‘FlashInit()’ API.
2.6.4
FlashProgram()
Description
This function programs the specified Flash areas with the provided source data. Input
arguments together with relevant Flash module status are checked, and relevant error code
are returned if there is any error.
Prototype
UINT32 FlashProgram (PSSD_CONFIG pSSDConfig,
UINT32 dest,
UINT32 size,
UINT32 source,
void (*CallBack)(void));
Arguments
Table 16. Arguments for FlashProgram()
Argument
Description
Range
pSSDConfig
Pointer to the SSD
Configuration Structure.
The values in this structure are chip-dependent.
Please refer to Section 2.3 for more details.
Dest
Destination address to be
programmed in Flash
memory.
Any accessible address aligned on double word
boundary in main array or shadow row.
Size
Size, in bytes, of the Flash
region to be programmed.
If size = 0, C90FL_OK is returned.
It should be multiple of 8 and its combination with dest
should fall in either main array or shadow row.
source
Source program buffer
address.
This address must reside on word boundary.
CallBack
Address of void call back
function pointer.
Any addressable void function address. To disable it
use NULL_CALLBACK macro.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com