| Electronic Components Datasheet Search |
|
UM1634 Datasheet(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1634 Datasheet(HTML) 11 Page - STMicroelectronics |
|
11 / 43 page ![]() DocID024601 Rev 3 11/43 UM1634 API specification #define NULL_CALLBACK ((void *) 0xFFFFFFFF) The job processing callback notifications shall have no parameters and no return value. 3.5 Return codes The return code is returned to the caller function to notify the success or errors of the API execution. These are the possible values of return code: Table 4. Return codes Name Value Description C90FL_OK 0x00000000 The requested operation is successful. C90FL_INFO_RWE 0x00000001 RWE bit is set before Flash operations. C90FL_INFO_EER 0x00000002 EER bit is set before Flash operations. C90FL_ERROR_ALIGNMENT 0x00000100 Alignment error. C90FL_ERROR_RANGE 0x00000200 Address range error. C90FL_ERROR_BUSY 0x00000300 New program/erase cannot be preformed while a high voltage operation is already in progress. C90FL_ERROR_PGOOD 0x00000400 The program operation is unsuccessful. C90FL_ERROR_EGOOD 0x00000500 The erase operation is unsuccessful. C90FL_ERROR_NOT_BLANK 0x00000600 There is a non-blank Flash memory location within the checked Flash memory region. C90FL_ERROR_VERIFY 0x00000700 There is a mismatch between the source data and the content in the checked Flash memory. C90FL_ERROR_LOCK_INDICATOR 0x00000800 Invalid block lock indicator. C90FL_ERROR_RWE 0x00000900 Read-while-write error occurred in previous reads. C90FL_ERROR_PASSWORD 0x00000A00 The password provided cannot unlock the block lock register for register writes C90FL_ERROR_AIC_MISMATCH 0x00000B00 In ‘FlashArrayIntegrityCheck()’ the MISR values generated by the hardware do not match the values passed by the user. C90FL_ERROR_AIC_NO_BLOCK 0x00000C00 In ‘FlashArrayIntegrityCheck()’ no blocks have been enabled for Array Integrity check C90FL_ERROR_FMR_MISMATCH 0x00000D00 In ‘FactoryMarginReadCheck()’ the MISR values generated by the hardware do not match the values passed by the user. C90FL_ERROR_FMR_NO_BLOCK 0x00000E00 In ‘FactoryMarginReadCheck()’ no blocks have been enabled for Array Integrity check C90FL_ERROR_ECC_LOGIC 0x00000F00 In ‘FlashECCLogicCheck()’ the simulated ECC error has not occurred. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |