Electronic Components Datasheet Search
  English  ▼

X  

UM1634 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM1634
Description  Standard software driver for C90FL2 Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1634 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM1634 Datasheet HTML 23Page - STMicroelectronics UM1634 Datasheet HTML 24Page - STMicroelectronics UM1634 Datasheet HTML 25Page - STMicroelectronics UM1634 Datasheet HTML 26Page - STMicroelectronics UM1634 Datasheet HTML 27Page - STMicroelectronics UM1634 Datasheet HTML 28Page - STMicroelectronics UM1634 Datasheet HTML 29Page - STMicroelectronics UM1634 Datasheet HTML 30Page - STMicroelectronics UM1634 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
DocID024601 Rev 3
27/43
UM1634
API specification
For Shadow/Low/Mid address spaces, there are two block lock levels. The secondary level
of block locking provides an alternative means to protect blocks from being modified. A
logical “OR” of the corresponding bits in the primary and secondary lock registers for a block
determines the final lock status for that block. For high address space there is only one
block lock level.
The output parameter blkLockState returns a bit-mapped value indicating the block lock
status of the specified locking level and address space. A main array block or shadow row is
locked from program/erase if its corresponding bit is set.
The indicated address space determines the valid bits of blkLockState. For either
Low/Mid/High address spaces, if blocks corresponding to valid block lock state bits are not
present (due to configuration or total memory size), values for these block lock state bits will
be always 1 because such blocks are locked by hardware on reset. These blocks cannot be
unlocked by software with 'SetLock()' function.
The following diagrams show the block bitmap definitions of blkLockState for
shadow/Low/Mid/High address spaces.
LOCK_MID_PRIMARY
6
Primary block lock protection of mid address space
LOCK_MID_SECONDARY
7
Secondary block lock protection of mid address space
LOCK_HIGH
8
Block lock protection of high address space
Table 31. blkLockState bit allocation for shadow address space
MSB
LSB
bit 31
…
bit 1
bit 0
reserved
…
reserved
shadow row
Table 32. blkLockState bit allocation for low address space
MSB
LSB
bit 31
…
bit 10
bit 9
bit 8
…
bit 1
bit 0
reserved
…
reserved
block 9
block 8
…
block 1
block 0
Table 33. blkLockState bit allocation for mid address space
MSB
LSB
bit 31
…
bit 4
bit 3
bit 2
bit 1
bit 0
reserved
…
reserved
reserved
reserved
block 1
block 0
Table 30. blkLockIndicator definitions (continued)
Code Name
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com